Electronic Components Datasheet Search |
|
MC34063A Datasheet(PDF) 4 Page - ON Semiconductor |
|
MC34063A Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 16 page MC34063A, MC33063A http://onsemi.com 4 ton VCC = 5.0 V Pin 7 = VCC Pin 5 = Gnd TA = 25°C toff Figure 1. Output Switch On–Off Time versus Oscillator Timing Capacitor Figure 2. Timing Capacitor Waveform 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 CT, OSCILLATOR TIMING CAPACITOR (nF) 10 µs/DIV VCC = 5.0 V Pin 7 = VCC Pin 2 = Gnd Pins 1, 5, 8 = Open CT = 1.0 nF TA = 25°C 1000 500 200 100 50 20 10 5.0 2.0 1.0 Figure 3. Emitter Follower Configuration Output Saturation Voltage versus Emitter Current Figure 4. Common Emitter Configuration Output Switch Saturation Voltage versus Collector Current Figure 5. Current Limit Sense Voltage versus Temperature Figure 6. Standby Supply Current versus Supply Voltage 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 IE, EMITTER CURRENT (A) VCC = 5.0 V Pins 1, 7, 8 = VCC Pins 3, 5 = Gnd TA = 25°C (See Note 6.) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 IC, COLLECTOR CURRENT(A) Darlington Connection Forced β = 20 -55 -25 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (°C) VCC = 5.0 V Ichg = Idischg 0 5.0 10 15 20 25 30 35 40 VCC, SUPPLY VOLTAGE (V) CT = 1.0 nF Pin 7 = VCC Pin 2 = Gnd 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 1.1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 400 380 360 340 320 300 280 260 240 220 200 3.6 3.2 2.4 2.0 1.6 1.2 0.8 0.4 0 1.0 2.8 VCC = 5.0 V Pin 7 = VCC Pins 2, 3, 5 = Gnd TA = 25°C (See Note 6.) 6. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible. |
Similar Part No. - MC34063A |
|
Similar Description - MC34063A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |