Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC-MSD30AG Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # SDC-MSD30AG
Description  HARDWARE INTEGRATION GUIDE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SDC-MSD30AG Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button SDC-MSD30AG Datasheet HTML 3Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 4Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 5Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 6Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 7Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 8Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 9Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 10Page - Laird Tech Smart Technology SDC-MSD30AG Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SDC-MSD30AG
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/wireless
7
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Feature
Description
2.4 GHz Operating Channels
ETSI: 13 (3 non-overlapping)
FCC: 11 (3 non-overlapping)
MIC 14 (4 non-overlapping)
KCC: 13 (3 non-overlapping)
5 GHz Operating Channels
ETSI: 19 non-overlapping
FCC: 23 non-overlapping
MIC: 8 non-overlapping
KCC: 12 non-overlapping
Wi-Fi Transmit Power Settings
Note: Maximum transmit power
varies according to individual
country regulations. All values
nominal, +/-2 dBm
802.11a
15 dBm (30 mW)
13 dBm (20 mW)
10 dBm (10 mW)
802.11b
18 dBm (63 mW)
17 dBm (50 mW)
15 dBm (30 mW)
13 dBm (20 mW)
10 dBm (10 mW)
7 dBm (5 mW)
0 dBm (1 mW)
802.11g
18 dBm (63 mW)
17 dBm (50 mW)
15 dBm (30 mW)
13 dBm (20 mW)
10 dBm (10 mW)
7 dBm (5 mW)
0 dBm (1 mW)


Similar Part No. - SDC-MSD30AG

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SDC-2124 SYNERGY-SDC-2124 Datasheet
154Kb / 1P
   HIGH POWER BI-DIRECTIONAL COUPLERS
logo
List of Unclassifed Man...
SDC-250 ETC2-SDC-250 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
SDC-350 ETC2-SDC-350 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
SDC-400 ETC2-SDC-400 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
More results

Similar Description - SDC-MSD30AG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
STMicroelectronics
AN2466 STMICROELECTRONICS-AN2466 Datasheet
148Kb / 13P
   STMPE801 - Hardware Interface guide
logo
Texas Instruments
1325652 TI-1325652 Datasheet
6Mb / 138P
[Old version datasheet]   MSP430 Hardware Tools User Guide
logo
List of Unclassifed Man...
MX150 ETC1-MX150 Datasheet
2Mb / 145P
   Universal Routing Platform Hardware Guide
logo
STMicroelectronics
AN2491 STMICROELECTRONICS-AN2491 Datasheet
154Kb / 32P
   STW8110x hardware component layer API guide
logo
Microchip Technology
PIC16F18446 MICROCHIP-PIC16F18446 Datasheet
2Mb / 26P
   PIC16F18446 Curiosity Nano Hardware User Guide
2018
ATTINY1627 MICROCHIP-ATTINY1627 Datasheet
2Mb / 39P
   ATtiny1627 Curiosity Nano Hardware User Guide
A 04/2020
ATMEGA4809 MICROCHIP-ATMEGA4809 Datasheet
2Mb / 28P
   ATmega4809 Curiosity Nano Hardware User Guide
2018
logo
List of Unclassifed Man...
AWP24S ETC2-AWP24S Datasheet
376Kb / 23P
   HARDWARE DESIGN GUIDE FOR ARTAFLEX WIRELESS MODULES
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
   A hardware and software guide for the STMPE801
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com