Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33972DWB Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC33972DWB
Description  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33972DWB Datasheet(HTML) 5 Page - Motorola, Inc

  MC33972DWB Datasheet HTML 1Page - Motorola, Inc MC33972DWB Datasheet HTML 2Page - Motorola, Inc MC33972DWB Datasheet HTML 3Page - Motorola, Inc MC33972DWB Datasheet HTML 4Page - Motorola, Inc MC33972DWB Datasheet HTML 5Page - Motorola, Inc MC33972DWB Datasheet HTML 6Page - Motorola, Inc MC33972DWB Datasheet HTML 7Page - Motorola, Inc MC33972DWB Datasheet HTML 8Page - Motorola, Inc MC33972DWB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33972
5
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions of 3.1 V
≤ VDD ≤ 5.25 V, 8.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage
Supply Voltage Range Quasi-Functional (Note 8)
Fully Operational
Supply Voltage Range Quasi-Functional (Note 8)
VPWR(QF)
VPWR(FO)
VPWR(QF)
5.5
8.0
26
8.0
26
40
V
Supply Current
All Switches Open, Normal Mode, Tri-State Disabled
IPWR(ON)
2.0
4.0
mA
Sleep State Supply Current
Scan Timer = 64 ms, Switches Open
IPWR(SS)
40
70
100
µA
Logic Supply Voltage
VDD
3.1
5.25
V
Logic Supply Current
All Switches Open, Normal Mode
IDD
0.25
0.5
mA
Sleep State Logic Supply Current
Scan Timer = 64 ms, Switches Open
IDD(SS)
10
20
µA
SWITCH INPUT
Pulse Wetting Current Switch-to-Battery (Current Sink)
IPULSE
12
15
18
mA
Pulse Wetting Current Switch-to-Ground (Current Source)
IPULSE
12
16
18
mA
Sustain Current Switch-to-Battery Input (Current Sink)
ISUSTAIN
1.8
2.0
2.2
mA
Sustain Current Switch-to-Ground Input (Current Source)
ISUSTAIN
1.8
2.0
2.2
mA
Sustain Current Matching Between Channels on Switch-to-Ground Inputs
IMATCH
2.0
4.0
%
Input Offset Current When Selected as Analog
IOFFSET
-2.0
1.4
2.0
µA
Input Offset Voltage When Selected as Analog
V(SP&SGinputs) to AMUX Output
VOFFSET
-10
2.5
10
mV
Analog Operational Amplifier Output Voltage
Sink 250
µA
VOL
10
30
mV
Analog Operational Amplifier Output Voltage
Source 250
µA
VOH
VDD - 0.1
V
Switch Detection Threshold
VTH
3.70
4.0
4.3
V
Switch Input Voltage Range
VIN
-14
40
V
Temperature Monitor (Note 9), (Note 10)
TLIM
155
185
°C
Temperature Monitor Hysteresis (Note 10)
TLIM(HYS)
5.0
10
15
°C
Notes
8.
Device operational. Table parameters may be out of specification.
9.
Thermal shutdown of 16 mA pullup and pulldown current sources only. 2.0 mA current source/sink and all other functions remain active.
10.
This parameter is guaranteed by design but is not production tested.
ISUS(MAX) - ISUS(MIN)
ISUS(MIN)
X 100
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33972DWB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972DWB FREESCALE-MC33972DWB Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972DWB/R2 FREESCALE-MC33972DWB/R2 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972DWB/R2 FREESCALE-MC33972DWB/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972DWBR2 FREESCALE-MC33972DWBR2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Similar Description - MC33972DWB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com