Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC33887VW Datasheet(PDF) 5 Page - Motorola, Inc

Part # PC33887VW
Description  5.0 A H-Bridge with Load Current Feedback
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33887VW Datasheet(HTML) 5 Page - Motorola, Inc

  PC33887VW Datasheet HTML 1Page - Motorola, Inc PC33887VW Datasheet HTML 2Page - Motorola, Inc PC33887VW Datasheet HTML 3Page - Motorola, Inc PC33887VW Datasheet HTML 4Page - Motorola, Inc PC33887VW Datasheet HTML 5Page - Motorola, Inc PC33887VW Datasheet HTML 6Page - Motorola, Inc PC33887VW Datasheet HTML 7Page - Motorola, Inc PC33887VW Datasheet HTML 8Page - Motorola, Inc PC33887VW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33887
5
PGND
NC
V+
V+
V+
V+
NC
NC
NC
NC
CCP
D1
IN2
EN
NC
NC
NC
OUT2
OUT2
OUT2
OUT2
NC
NC
D2
PGND
PGND
PGND
PGND
NC
V+
V+
V+
V+
NC
NC
NC
NC
IN1
FS
AGND
NC
NC
NC
NC
OUT1
OUT1
OUT1
OUT1
NC
NC
FB
PGND
PGND
PGND
54
40
.35
34
33
32
31
30
29
28
39
38
37
36
47
46
45
44
43
42
41
51
50
49
48
53
52
1
15
20
21
22
23
24
25
26
27
16
17
18
19
8
9
10
11
12
13
14
4
5
6
7
2
3
Transparent Top View of Package
SOICW-EP TERMINAL DEFINITIONS
A functional description of each terminal can be found in the System/Application Information section, page 19.
Terminal
Terminal
Name
Formal Name
Definition
1–4, 51–54
PGND
Power Ground
High-current power ground.
5–7, 9, 14, 19–22,
27– 29, 33–36, 41,
46, 48–50
NC
No Connect
No internal connection to this terminal.
8
D2
Disable 2
Active LOW input used to simultaneously tri-state disable both H-Bridge
outputs. When D2 is Logic LOW, both outputs are tri-stated.
10–13
OUT2
H-Bridge Output 2
Output 2 of H-Bridge.
15 –18, 37–40
V+
Positive Power Supply
Positive supply connections.
23
CCP
Charge Pump Capacitor
External reservoir capacitor connection for internal charge pump capacitor.
24
D1
Disable 1
Active HIGH input used to simultaneously tri-state disable both H-Bridge
outputs. When D1 is Logic HIGH, both outputs are tri-stated.
25
IN2
Logic Input Control 2
Logic input control of OUT2 (i.e., IN2 logic HIGH = OUT2 HIGH).
26
EN
Enable
Logic input Enable control of device (i.e., EN logic HIGH = full operation,
EN logic LOW = Sleep Mode).
30
AGND
Analog Ground
Low-current analog signal ground.
31
FS
Fault Status for H-Bridge
Open drain active LOW Fault Status output requiring a pullup resistor to
5.0 V.
32
IN1
Logic Input Control 1
Logic input control of OUT1 (i.e., IN1 logic HIGH = OUT1 HIGH).
42–45
OUT1
H-Bridge Output 1
Output 1 of H-Bridge.
47
FB
Feedback for H-Bridge
Current feedback output providing ground referenced 1/375th ratio of
H-Bridge high-side current.
Pad
Thermal
Interface
Exposed Pad Thermal
Interface
Exposed pad thermal interface for sinking heat from the device.
Note Must be DC-coupled to analog ground and power ground via very low
impedance path to prevent injection of spurious signals into IC substrate.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33887VW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33882EK FREESCALE-PC33882EK Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
PC33882R2 FREESCALE-PC33882R2 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
PC33888APNB MOTOROLA-PC33888APNB Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
PC33888APNBR2 MOTOROLA-PC33888APNBR2 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
PC33888PNB MOTOROLA-PC33888PNB Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
More results

Similar Description - PC33887VW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com