Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX96709 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX96709
Description  14-Bit GMSL Serializer with High-Immunity Mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96709 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX96709 Datasheet HTML 4Page - Maxim Integrated Products MAX96709 Datasheet HTML 5Page - Maxim Integrated Products MAX96709 Datasheet HTML 6Page - Maxim Integrated Products MAX96709 Datasheet HTML 7Page - Maxim Integrated Products MAX96709 Datasheet HTML 8Page - Maxim Integrated Products MAX96709 Datasheet HTML 9Page - Maxim Integrated Products MAX96709 Datasheet HTML 10Page - Maxim Integrated Products MAX96709 Datasheet HTML 11Page - Maxim Integrated Products MAX96709 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
(VDVDD = VAVDD = 1.7V to 1.9V, RL = 100Ω ±1% (differential), TA = -40°C to +115°C, EP connected to GND, typical values are at
VDVDD = VAVDD = 1.8V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SINGLE-ENDED INPUTS (DIN_, PCLKIN, HS, VS, HIM, MS)
High-Level Input Voltage
VIH
0.65 x
VDVDD
V
Low-Level Input Voltage
VIL
0.35 x
VDVDD
V
Input Current
IIN
VIN = 0 to VDVDD
-20
+20
µA
SINGLE-ENDED OUTPUT (GPO)
High-Level Output
Voltage
VOH
IOH = -2mA
VDVDD -
0.2
V
Low-Level Output
Voltage
VOL
IOL = 2mA
0.2
V
Output Short-Circuit Current
IOS
VO = 0V
3
12
21
mA
I2C and GENERAL-PURPOSE I/Os (SDA, SCL, GPIO_) with OPEN-DRAIN OUTPUTS
High-Level Input Voltage
VIH
0.7 x
VDVDD
V
Low-Level Input Voltage
VIL
0.3 x
VDVDD
V
Input Current
IIN
VIN = 0 to VDVDD (Note 2),
SDA, SCL
-110
+5
µA
VIN = 0 to VDVDD (Note 2), GPIO_
-80
+5
Low-Level Open-Drain
Output Voltage
VOL
IOL = 3mA
0.4
V
Input Capacitance
CIN
Each pin (Note 3)
10
pF
DIFFERENTIAL OUTPUTS (OUT+, OUT-)
Differential Output Voltage
VOD
Preemphasis off, high drive (Figure 1)
300
400
500
mV
3.3dB preemphasis, high drive (Figure 2)
350
610
3.3dB deemphasis, high drive (Figure 2)
240
425
Change in VOD Between
Complementary Output
States
ΔVOD
25
mV
Output Offset Voltage
(VOUT+ + VOUT-)/2 = VOS
VOS
Preemphasis off
1.1
1.4
1.56
V
Change in VOS Between
Complementary Output
States
ΔVOS
25
mV
Output Short-Circuit Current
IOS
VOUT+ or VOUT- = 0V
-60
mA
VOUT+ or VOUT- = 1.9V
25
Magnitude of Differential
Output Short-Circuit Current
IOSD
VOD = 0V
25
mA
Output-Termination
Resistance (Internal)
RO
From OUT+ or OUT- to AVDD
45
54
63
Ω
DC Electrical Characteristics
MAX96709
14-Bit GMSL Serializer with High-Immunity Mode
and Coax/STP Cable Drive
www.maximintegrated.com
Maxim Integrated │ 8


Similar Part No. - MAX96709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX96709 MAXIM-MAX96709 Datasheet
5Mb / 33P
   MAX96707/MAX96709 with Coax or STP Cable
19-4482; Rev 0; 4/16
MAX96709COAXEVKIT# MAXIM-MAX96709COAXEVKIT# Datasheet
5Mb / 33P
   MAX96707/MAX96709 with Coax or STP Cable
19-4482; Rev 0; 4/16
More results

Similar Description - MAX96709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX96711 MAXIM-MAX96711 Datasheet
2Mb / 84P
   14-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
19-8471; Rev 2; 2/17
MAX96701 MAXIM-MAX96701 Datasheet
1Mb / 75P
   14-Bit GMSL Serializer with High-Immunity/Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96707 MAXIM-MAX96707 Datasheet
2Mb / 75P
   14-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
19-7766; Rev 1; 8/21
MAX96705A MAXIM-MAX96705A Datasheet
1Mb / 83P
   16-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
   14-Bit GMSL Deserializer
Rev 0; 2/16
MAX9271 MAXIM-MAX9271_14 Datasheet
1Mb / 49P
   16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 1; 11/12
MAX9271 MAXIM-MAX9271 Datasheet
3Mb / 49P
   16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 7/12
MAX9273 MAXIM-MAX9273_V01 Datasheet
2Mb / 49P
   22-Bit GMSL Serializer with Coax or STP Cable Drive
19-6384; Rev 1; 11/12
MAX9273 MAXIM-MAX9273 Datasheet
3Mb / 49P
   22-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 6/12
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com