Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33888FB Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC33888FB
Description  Quad High Side and Octal Low Side Switch for Automotive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33888FB Datasheet(HTML) 2 Page - Motorola, Inc

  MC33888FB Datasheet HTML 1Page - Motorola, Inc MC33888FB Datasheet HTML 2Page - Motorola, Inc MC33888FB Datasheet HTML 3Page - Motorola, Inc MC33888FB Datasheet HTML 4Page - Motorola, Inc MC33888FB Datasheet HTML 5Page - Motorola, Inc MC33888FB Datasheet HTML 6Page - Motorola, Inc MC33888FB Datasheet HTML 7Page - Motorola, Inc MC33888FB Datasheet HTML 8Page - Motorola, Inc MC33888FB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MC33888FB
Quad High Side and Octal Low Side Switch for Automotive
2
Figure 1. Internal Block Diagram
G ate C ontrol & F au lt
40m
G ate C ontrol & F au lt
40m
G ate C ontrol & F au lt
10m
Gate
C ontrol
Open Load
(O FF state)
O ver tem p
10m
ILIM
Vpwr
C urrent
Sense
Over tem p
C urrent
Sense
C urrent
Sense
C urrent
Sense
ILIM
O pen Load
Gate
Control
x8
W atchdog
LOGIC
SPI
Internal Bias
Supply
CSB
SC L K
SO
SI
IH S0
IH S2
IH S3
IL S
FLT B
WD IN
WAK E
RST B
LS10
LS11
GN D
VD D
IH S1
LS4
LS5
LS6
LS7
LS8
LS9
VPW R T
HS3
HS2
HS1
HS0
CSNS2-3
CSNS0-1
VPW R
FIG URE 1: Q H SO LS S BLO C K DIAG R AM
Clam p
FSI
1
20
33
52
21
32
53
64
1
52
33
20
HS0
HS1
FSI
WDIN
FLTB
VPWR
LS4
GND
LS5
LS6
GND
LS7
LS8
GND
LS9
LS10
GND
LS11
VDD
SO
CSB
SCLK
NC
NC
NC
NC
NC
NC
Pinout Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33888FB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33888FB MOTOROLA-MC33888FB Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Freescale Semiconductor...
MC33888FB FREESCALE-MC33888FB Datasheet
1Mb / 40P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Motorola, Inc
MC33888FBR2 MOTOROLA-MC33888FBR2 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Freescale Semiconductor...
MC33888FBR2 FREESCALE-MC33888FBR2 Datasheet
1Mb / 40P
   Quad High-Side and Octal Low-Side Switch for Automotive
More results

Similar Description - MC33888FB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33888 FREESCALE-33888 Datasheet
1Mb / 40P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
Motorola, Inc
MC33888 MOTOROLA-MC33888 Datasheet
667Kb / 32P
   Quad High-Side and Octal Low-Side Switch for Automotive
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Motorola, Inc
MC33293A MOTOROLA-MC33293A Datasheet
239Kb / 16P
   QUAD LOW SIDE SWITCH
logo
Infineon Technologies A...
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
   Smart Octal Low-Side Switch
V1.1 Oct. 2003
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
   Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
   Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
   Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com