Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33886DH Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC33886DH
Description  5.0 A H BRIDGE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33886DH Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC33886DH Datasheet HTML 2Page - Motorola, Inc MC33886DH Datasheet HTML 3Page - Motorola, Inc MC33886DH Datasheet HTML 4Page - Motorola, Inc MC33886DH Datasheet HTML 5Page - Motorola, Inc MC33886DH Datasheet HTML 6Page - Motorola, Inc MC33886DH Datasheet HTML 7Page - Motorola, Inc MC33886DH Datasheet HTML 8Page - Motorola, Inc MC33886DH Datasheet HTML 9Page - Motorola, Inc MC33886DH Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
33886
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 5.0 V V+ 28 V and -40
°C TA 125°C unless otherwise noted. Typical values noted reflect
the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUTS (OUT1, OUT2)
Output-ON Resistance (Note 13)
5.0 V
≤ V+ ≤ 28 V, TJ = 25°C
8.0 V
≤ V+ ≤ 28 V, TJ = 150°C
5.0 V
≤ V+ ≤ 8.0 V, TJ = 150°C
RDS(ON)
120
225
300
m
Active Current Limiting Threshold (via Internal Constant OFF-Time PWM)
(Note 14)
ILIM
5.2
6.5
7.8
A
High-Side Short Circuit Detection Threshold
ISCH
11
A
Low-Side Short Circuit Detection Threshold
ISCL
8.0
A
Leakage Current (Note 15)
VOUT = V+
VOUT = GND
IOUT(leak)
100
30
200
60
µA
Output FET Body Diode Forward Voltage Drop (Note 16)
IOUT = 3.0 A
VF
––
2.0
V
Switch-OFF
Thermal Shutdown
Hysteresis
TLIM
THYS
175
15
°C
FAULT STATUS (Note 17)
Fault Status Leakage Current (Note 18)
VFS = 5.0 V
IFS(leak)
––
10
µA
Fault Status Set Voltage (Note 19)
IFS = 300 µA
VFS(LOW)
––
1.0
V
Notes
13.
Output-ON resistance as measured from output to V+ and ground.
14.
Product with date codes of December 2002, week 51, will exhibit the values indicated in this table. Product with earlier date codes may exhibit
a minimum of 6.0 A and a maximum of 8.5 A.
15.
Outputs switched OFF with D1 or D2.
16.
Parameter is guaranteed by design but not production tested.
17.
Fault Status output is an open drain output requiring a pull-up resistor to 5.0 V.
18.
Fault Status Leakage Current is measured with Fault Status High and not set.
19.
Fault Status Set Voltage is measured with Fault Status Low and set with IFS = 300 µA.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33886DH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33886DH FREESCALE-MC33886DH Datasheet
570Kb / 25P
   5.0 A H-Bridge
MC33886DHR2 FREESCALE-MC33886DHR2 Datasheet
570Kb / 25P
   5.0 A H-Bridge
More results

Similar Description - MC33886DH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com