Electronic Components Datasheet Search |
|
MB90F548GLSPFV Datasheet(PDF) 9 Page - Fujitsu Component Limited. |
|
MB90F548GLSPFV Datasheet(HTML) 9 Page - Fujitsu Component Limited. |
9 / 67 page MB90540/540G/545/545G Series 9 s s s s PIN DESCRIPTION (Continued) Pin No. Pin name Circuit type Function LQFP*2 QFP*1 80 81 82 83 X0 X1 A (Oscillation) High speed crystal oscillator input pins 78 80 X0A A (Oscillation) Low speed crystal oscillator input pins. For the one clock sys- tem parts, perfom external pull-down processing. 77 79 X1A Low speed crystal oscillator input pins. For the one clock sys- tem parts, leave it open. 75 77 RST B External reset request input pin 50 52 HST C Hardware standby input pin 83 to 90 85 to 92 P00 to P07 I General I/O port with programmable pullup. This function is enabled in the single-chip mode. AD00 to AD07 I/O pins for 8 lower bits of the external address/data bus. This function is enabled when the external bus is enabled. 91 to 98 93 to 100 P10 to P17 I General I/O port with programmable pullup. This function is enabled in the single-chip mode. AD08 to AD15 I/O pins for 8 higher bits of the external address/data bus. This function is enabled when the external bus is enabled. 99 to 6 1 to 8 P20 to P27 I General I/O port with programmable pullup. In external bus mode, this function is valid when the corresponding bits in the external address output control resister (HACR) are set to “1”. A16 to A23 8-bit I/O pins for A16 to A23 at the external address/data bus. In external bus mode, this function is valid when the corre- sponding bits in the external address output control resister (HACR) are set to “0”. 79 P30 I General I/O port with programmable pullup. This function is enabled in the single-chip mode. ALE Address latch enable output pin. This function is enabled when the external bus is enabled. 810 P31 I General I/O port with programmable pullup. This function is enabled in the single-chip mode. RD Read strobe output pin for the data bus. This function is en- abled when the external bus is enabled. 10 12 P32 I General I/O port with programmable pullup. This function is enabled in the single-chip mode or when the WR/WRL pin out- put is disabled. WRL Write strobe output pin for the data bus. This function is en- abled when both the external bus and the WR/WRL pin output are enabled. WRL is write-strobe output pin for the lower 8 bits of the data bus in 16-bit access. WR is write-strobe output pin for the 8 bits of the data bus in 8-bit access. WR |
Similar Part No. - MB90F548GLSPFV |
|
Similar Description - MB90F548GLSPFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |