Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33742 Datasheet(PDF) 6 Page - Motorola, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33742 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button 33742 Datasheet HTML 2Page - Motorola, Inc 33742 Datasheet HTML 3Page - Motorola, Inc 33742 Datasheet HTML 4Page - Motorola, Inc 33742 Datasheet HTML 5Page - Motorola, Inc 33742 Datasheet HTML 6Page - Motorola, Inc 33742 Datasheet HTML 7Page - Motorola, Inc 33742 Datasheet HTML 8Page - Motorola, Inc 33742 Datasheet HTML 9Page - Motorola, Inc 33742 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
33742
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA =25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
VSUP TERMINAL
Nominal DC Supply Voltage
VSUP
5.5
18
V
Extended DC Voltage
Full Functionality (Note 8)
Reduced Functionality (Note 9)
VSUP-EX
18
4.5
27
5.5
V
Input Voltage During Load Dump
VSUP-LD
––
40
V
Input Voltage During Jump Start
VSUP-JS
––
27
V
Supply Current in Standby Mode (Note 10) (IOUT at VDD = 10 mA,
CAN Recessive or Sleep Mode)
TA 25°C
TA =-40°Cto25°C
ISUP(STDBY)
12
14.5
15
19
mA
Supply Current in Normal Mode (Note 10) (IOUT at VDD = 10 mA,
CAN Recessive or Sleep Mode)
TA 25°C
TA =-40°Cto25°C
ISUP(NORM)
12.4
15
15
19
mA
Supply Current in Sleep Mode (Note 10) [VDD and V2 OFF, CAN in Sleep
Mode with CAN Wake-Up Disabled (Note 11)]
VSUP < 13.5 V, Oscillator Running (Note 12)
VSUP < 13.5 V, Oscillator Not Running (Note 13)
VSUP = 18 V, Oscillator Running (Note 12)
ISUP(SLP-WD)
85
53
110
105
80
140
µA
Supply Current in Sleep Mode (Note 10) [VDD and V2 OFF, VSUP < 13.5 V,
Oscillator Not Running (Note 13), CAN in Sleep Mode with Wake-Up Enabled]
TA =-40°C
TA =25°C
TA = 125°C
ISUP(SLP-WE)
80
65
55
µA
Supply Current in Stop Mode (Note 10) [IOUT at VDD < 2.0 mA, VDD ON, CAN
in Sleep Mode with Wake-Up Disabled (Note 11)
VSUP < 13.5 V, Oscillator Running (Note 12)
VSUP < 13.5 V, Oscillator Not Running (Note 13)
VSUP = 18 V, Oscillator Running (Note 12)
ISUP(STOP-WD)
80
100
160
160
210
µA
Notes
8.
All functions and modes available and operating. Watchdog, HS turn ON/turn OFF, CAN cell operating, L0:L3 inputs operating, SPI read/
write operation. Overtemperature may occur.
9.
VDD > 4.0 V, RST HIGH if reset 2 selected by SPI, logic terminal high level reduced, device is functional.
10.
Current measured at VSUP terminal.
11.
If CAN cell is Sleep-Enabled for wake-up, an additional current (ICAN-SLEEP) must be added to specified value.
12.
Oscillator running means one of the following function is active: Forced Wake-Up or Cyclic Sense or Software Watchdog in Stop mode.
13.
Oscillator not running means none of the following functions are active: Forced Wake-Up and Cyclic Sense and Software Watchdog in Stop
mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 33742

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742 FREESCALE-33742 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
33742S FREESCALE-33742S Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742S FREESCALE-33742S Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Similar Description - 33742

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com