Electronic Components Datasheet Search |
|
MB90F546GPFV Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB90F546GPFV Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 67 page MB90540/540G/545/545G Series 11 (Continued) Pin No. Pin name Circuit type Function LQFP*2 QFP*1 20 22 P44 G General I/O port. This function is enabled when UART1 disables the clock output. SCK1 Serial clock pulse I/O pin for UART1. This function is enabled when UART1 enables the serial clock output. 22 24 P45 G General I/O port. This function is enabled when UART1 disables the serial data output. SOT1 Serial data output pin for UART1. This function is enabled when UART1 enables the serial data output. 23 25 P46 G General I/O port. This function is enabled when the Extended I/O serial interface disables the serial data output. SOT2 Serial data output pin for the Extended I/O serial interface. This function is enabled when the Extended I/O serial interface en- ables the serial data output. 24 26 P47 G General I/O port. This function is enabled when the Extended I/O serial interface disables the clock output. SCK2 Serial clock pulse I/O pin for the Extended I/O serial interface . This function is enabled when the Extended I/O serial interface enables the Serial clock output. 26 28 P50 D General I/O port. This function is always enabled. SIN2 Serial data input pin for the Extended I/O serial interface . Set the corresponding Port Direction Register to input if this func- tion is used. 27 to 30 29 to 32 P51 to P54 D General I/O port. This function is always enabled. INT4 to INT7 External interrupt request input pins for INT4 to INT7. Set the corresponding Port Direction Register to input if this function is used. 31 33 P55 D General I/O port. This function is always enabled. ADTG Trigger input pin for the A/D converter. Set the corresponding Port Direction Register to input if this function is used. 36 to 39 38 to 41 P60 to P63 E General I/O port. This function is enabled when the analog input enable register specifies a port. AN0 to AN3 Analog input pins for the 8/10-bit A/D converter. This function is enabled when the analog input enable register specifies A/D. 41 to 44 43 to 46 P64 to P67 E General I/O port. The function is enabled when the analog input enable register specifies a port. AN4 to AN7 Analog input pins for the 8/10-bit A/D converter. This function is enabled when the analog input enable register specifies A/D. 45 47 P56 D General I/O port. This function is always enabled. TIN0 Event input pin for the 16-bit reload timers 0. Set the corresponding Port Direction Register to input if this function is used. |
Similar Part No. - MB90F546GPFV |
|
Similar Description - MB90F546GPFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |