Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21VM Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC9328MX21VM
Description  i.MX family of microprocessors
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9328MX21VM Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC9328MX21VM Datasheet HTML 5Page - Motorola, Inc MC9328MX21VM Datasheet HTML 6Page - Motorola, Inc MC9328MX21VM Datasheet HTML 7Page - Motorola, Inc MC9328MX21VM Datasheet HTML 8Page - Motorola, Inc MC9328MX21VM Datasheet HTML 9Page - Motorola, Inc MC9328MX21VM Datasheet HTML 10Page - Motorola, Inc MC9328MX21VM Datasheet HTML 11Page - Motorola, Inc MC9328MX21VM Datasheet HTML 12Page - Motorola, Inc MC9328MX21VM Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
Signal Descriptions
MC9328MX21 Product Preview, Rev. 1.1
Freescale Semiconductor
9
SLCDC1_DAT[15:0]
SLCDC Data output signals for connection to a parallel SLCD panel interface. These signals are
multiplexed with LD[15:0] while an alternate 8-bit SLCD muxing is available on LD[15:8]. Further
alternate muxing of these signals are available on some of the USB OTG and USBH1 signals.
SLCDC2_CLK
SLCDC Clock input signal for pass through to SLCD device. This signal is multiplexed with
SSI3_CLK signal from SSI3.
SLCDC2_CS
SLCDC Chip Select input signal for pass through to SLCD device. This signal is multiplexed with
SSI3_TXD signal from SSI3.
SLCDC2_RS
SLCDC Register Select input signal for pass through to SLCD device. This signal is multiplexed
with SSI3_RXD signal from SSI3.
SLCDC2_D0
SLCD Data input signal for pass through to SLCD device. This signal is multiplexed with SSI3_FS
signal from SSI3.
Bus Master Interface (BMI)
BMI_D[15:0]
BMI bidirectional data bus. Bus width is programmable between 8-bit or 16-bit.These signals are
multiplexed with LD[15:0] and SLCDC_DAT[15:0].
BMI_CLK_CS
BMI bidirectional clock or chip select signal.This signal is multiplexed with LSCLK of LCDC.
BMI_WRITE
BMI bidirectional signal to indicate read or write access. This is an input signal when the BMI is a
slave and an output signal when BMI is the master of the interface. BMI_WRITE is asserted for
write and negated for read.This signal is muxed with LD[17] of LCDC.
BMI_READ
BMI output signal to enable data read from external slave device. This signal is not used and
driven high when BMI is slave.This signal is multiplexed with CONTRAST signal of LCDC.
BMI_READ_REQ
BMI Read request output signal to external bus master. This signal is active when the data in the
TXFIFO is larger or equal to the data transfer size of a single external BMI access.This signal is
muxed with LD[16] of LCDC.
BMI_RXF_FULL
BMI Receive FIFO full active high output signal to reflect if the RxFIFO reaches water mark
value.This signal is muxed with VSYNC of the LCDC.
BMI_WAIT
BMI Wait—Active low signal to wait for data ready (read cycle) or accepted (write_cycle). Also
multiplexed with VSYNC.
External DMA
EXT_DMAREQ
External DMA Request input signal. This signal is multiplexed with CSPI1_RDY.
EXT_DMAGRANT
External DMA Grant output signal. This signal is multiplexed with LD[16].
NAND Flash Controller
NF_CLE
NAND Flash Command Latch Enable output signal. This signal is multiplexed with PC_POE of
PCMCIA.
NF_CE
NAND Flash Chip Enable output signal. This signal is multiplexed with PC_CE1 of PCMCIA.
NF_WP
NAND Flash Write Protect output signal. This signal is multiplexed with PC_CE2 of PCMCIA.
NF_ALE
NAND Flash Address Latch Enable output signal. This signal is multiplexed with PC_OE of
PCMCIA.
NF_RE
NAND Flash Read Enable output signal. This signal is multiplexed with PC_RW of PCMCIA.
Table 2. i.MX21 Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX21VM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21VM NXP-MC9328MX21VM Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21VM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com