Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-7883 Datasheet(PDF) 1 Page - California Eastern Labs

Part # MC-7883
Description  NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7883 Datasheet(HTML) 1 Page - California Eastern Labs

  MC-7883 Datasheet HTML 1Page - California Eastern Labs MC-7883 Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEC's 870 MHz GaAs CATV
POWER DOUBLER AMPLIFIER
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE H02
FEATURES
• GaAs ACTIVE DEVICES
• LOW DISTORTION
• HIGH LINEAR GAIN:
MC-7881 - GL = 18 dB MIN at f = 870 MHz
MC-7882 - GL = 20 dB MIN at f = 870 MHz
MC-7883 - GL = 22 dB MIN at f = 870 MHz
MC-7884 - GL = 25 dB MIN at f = 870 MHz
• LOW RETURN LOSS
• LOW GAIN CHANGE OVER TEMPERATURE
• SPECIFIED FOR 79, 110, and 132 CHANNELS
PERFORMANCE
• HIGH RELIABILITY AND RUGGEDNESS:
Withstands environmental extremes as well as Silicon
devices (Surge, ESD, Etc.)
VDD
9
1
In
Out
Gnd
23 7 8
2.54 ±0.38
21.5 MAX
6-32 unc 2B
2.54±0.25
12 3
5
7 8 9
4.19±0.13
14.85 MAX
4.25
+ 0.25
- 0.35
4.0±0.25
5
10.75 ±0.25
27.5 MAX
38.1±0.25
45.08 MAX
0.51±0.05
0.51±0.05
3.2 MAX
A
0.38.. A
25.4±0.25
19.05±0.38
8.1 MAX
2.5
6.3
±0.05
APPLICATIONS
•CATV HEADEND SYSTEMS
•CATV OPTICAL NODES
•CATV DISTRIBUTION AMPS
MC-7882
MC-7883
MC-7884
MC-7881
ELECTRICAL CHARACTERISTICS (TA = 30±5 °C, VDD = 24 V, ZS = ZL = 75 Ω)
PART NUMBER
MC-7881
MC-7882
MC-7883
MC-7884
SYMBOLS
CHARACTERISTICS
UNITS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
TEST CONDITIONS
BW
Frequency Range
MHz
50
870
50
870
50
870
50
870
GL
Linear Gain
dB
18.0
19.0 20.0
21.0 22.0
23.0 25.0
26.0
f = 870 MHz
S
Gain Slope
dB
0.2
0.6
1.0
0.4
0.8
1.2
0.6
1.0
1.4
0.6
1.0
1.4
f = 40 to 870 MHz
Gf
Gain Flatness
dB
0.6
0.6
0.6
0.6
40 to 870 MHz;
Peak to Valley
NF
Noise Figure 1
dB
6.5
6.0
5.5
5.0
f = 50 MHz
Noise Figure 2
7.0
6.5
6.0
5.5
f = 870 MHz
RLi
Input Return Loss
dB
20.0
20.0
20.0
20.0
40 to 160MHz
19.0
19.0
20.0
20.0
160 to 320 MHz
17.5
17.5
19.0
19.0
320 to 640 MHz
16.0
16.0
17.0
17.0
640 to 870 MHz
RLo
Output Return Loss
dB
20.0
20.0
20.0
20.0
40 to 160MHz
19.0
20.0
20.0
20.0
160 to 320 MHz
17.5
19.0
19.0
19.0
320 to 640 MHz
16.0
18.0
18.0
18.0
640 to 870 MHz
continued on next page
DESCRIPTION
NEC's MC-7881, MC-7882, MC-7883, and MC-7884 are GaAs
Multi-Chip Modules designed for use as output stages in CATV
applications up to 870 MHz. The only difference between these
devices is gain, which is 18 dB, 20 dB, 22 dB, and 25 dB
respectively. Because these units are GaAs devices they have
low distortion, low noise figure, and low return loss across the
entire frequency band.
Like the previous generation of products, these devices sur-
vive such hazards as surge and ESD as well as their silicon
competitors, but deliver superior performance with low DC
current required. All devices are assembled and tested using
fully automated equipment to maximize consistency in part to
part performance, and reliability is assured by NEC's strin-
gent quality and process control procedures.These parts come
in industry compatible hybrid packages.


Similar Part No. - MC-7883

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7883 CEL-MC-7883 Datasheet
290Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
California Eastern Labs
MC-7883-AZ CEL-MC-7883-AZ Datasheet
290Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7883-AZ RENESAS-MC-7883-AZ Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
More results

Similar Description - MC-7883

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7845 NEC-MC-7845 Datasheet
108Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7847-KC CEL-MC-7847-KC_07 Datasheet
229Kb / 3P
   NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com