Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX40200ANS+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX40200ANS+
Description  Ultra-Tiny Micropower, 1A Ideal Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40200ANS+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX40200ANS+ Datasheet HTML 1Page - Maxim Integrated Products MAX40200ANS+ Datasheet HTML 2Page - Maxim Integrated Products MAX40200ANS+ Datasheet HTML 3Page - Maxim Integrated Products MAX40200ANS+ Datasheet HTML 4Page - Maxim Integrated Products MAX40200ANS+ Datasheet HTML 5Page - Maxim Integrated Products MAX40200ANS+ Datasheet HTML 6Page - Maxim Integrated Products MAX40200ANS+ Datasheet HTML 7Page - Maxim Integrated Products MAX40200ANS+ Datasheet HTML 8Page - Maxim Integrated Products MAX40200ANS+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
VDD = 3.3V, GND = 0V, EN = VDD, 100mA load or IFORWARD and 10µF COUT on OUT, TA = -40°C to +125°C, unless otherwise noted.
Typical values are at +25°C.
Typical Operating Characteristics (continued)
0
25
50
75
100
0
250
500
750
1000
FORWARD CURRENT (mA)
FORWARD VOLTAGE vs. FORWARD CURRENT
(WLP)
toc03e
VDD = 5.5V
Refer to Figure 1 for Test Setup Conditions
VDD = 5.5V
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
0
50
100
150
200
250
0
250
500
750
1000
FORWARD CURRENT (mA)
FORWARD VOLTAGE vs. FORWARD CURRENT
(SOT)
toc03f
VDD = 5.5V
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
Thermal Limit Reached
Refer to Figure 1 for Test Setup Conditions
VDD = 5.5V
0
50
100
150
200
250
300
0
250
500
750
1000
FORWARD CURRENT (mA)
FORWARD VOLTAGE vs. FORWARD CURRENT
(SOT)
toc03d
VDD = 3.3V
Refer to Figure 1 for Test Setup Conditions
VDD = 3.3V
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
Themal Limit Reached
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
6
VOUT (V)
CATHODE CURRENT
AT REVERSE OPERATION
toc04
VDD = 0V ICATHODE
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
Refer to Figure 2 for Test Setup Conditions
-0.5
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
VOUT (V)
ANODE CURRENT
AT REVERSE OPERATION
toc05
VDD = 0V IANODE
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
Refer to Figure 2 for Test Setup Conditions
-0.5
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
VOUT (V)
GROUND CURRENT
AT REVERSE OPERATION
toc06
VDD = 0V
IGND
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
Refer to Figure 2 for Test Setup Conditions
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
ANODE CURRENT
AT REVERSE OPERATION
toc07
VDD = 3.3V
VOUT-VDD = 0.1V
Refer to Figure 2 for Test Setup Conditions
MAX40200
Ultra-Tiny Micropower, 1A Ideal Diode
with Ultra-Low Voltage Drop
Maxim Integrated │ 5
www.maximintegrated.com


Similar Part No. - MAX40200ANS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
More results

Similar Description - MAX40200ANS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40200 MAXIM-MAX40200_V01 Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
MAX40203 MAXIM-MAX40203 Datasheet
1Mb / 19P
   Ultra-Tiny nanoPower, 1A Ideal Diodes with Ultra-Low-Voltage Drop
2021
logo
Linear Technology
LTC2453 LINER-LTC2453_15 Datasheet
290Kb / 18P
   Ultra-Tiny, Differential
LTC6702 LINER-LTC6702_15 Datasheet
366Kb / 12P
   Tiny Micropower, Low Voltage Dual Comparators
LTC6702 LINER-LTC6702 Datasheet
186Kb / 12P
   Tiny Micropower, Low Voltage Dual Comparators
LT3682 LINER-LT3682 Datasheet
252Kb / 24P
   1A Micropower Step-Down
LTC4358 LINER-LTC4358_15 Datasheet
160Kb / 12P
   5A Ideal Diode
LTC4358 LINER-LTC4358 Datasheet
149Kb / 12P
   5A Ideal Diode
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com