Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

189084-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 189084-1
Description  Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

189084-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  189084-1 Datasheet HTML 1Page - TE Connectivity Ltd 189084-1 Datasheet HTML 2Page - TE Connectivity Ltd 189084-1 Datasheet HTML 3Page - TE Connectivity Ltd 189084-1 Datasheet HTML 4Page - TE Connectivity Ltd 189084-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408-4074
2 of 5
Rev B
Shear - positions the connector at the proper depth
location and is a shearing surface for the wire.
NOTE
i
The wire inserter and the shear can be rotated
180° to extend the usable life of these parts.
3. SETUP ADJUSTMENTS AND TEST
The insertion rod adjuster is preset for wire sizes 22
through 26 AWG. If, after a termination, the wire is
inserted too deeply or not deeply enough inside the
contact, it may be necessary to adjust the depth of the
wire inserter.
3.1. For Pistol Grip Manual Handle Assembly
1. Select the appropriate cable size and prepare the
cable as shown in Figure 2.
2. Select a connector and place it in the tool. Make
a test termination using the procedures described in
Section 4, TERMINATING PROCEDURE.
NOTE
i
The connector may be loaded and indexed
(manually) from either side of the tool.
Figure 2
3. Remove terminated connector.
4. Inspect the connector for proper termination
using the inspection requirements in Figure 5.
If the wire insertion depth is incorrect, proceed to
Paragraph 3.2, Wire Insertion Depth Adjustment.
3.2. Wire Insertion Depth Adjustment.
If the wire is too deep in the contact slot: Remove
the head and turn the adjuster CLOCKWISE. Refer
to Figure 3. A 1/6-revolution adjustment will reduce
the wire insertion depth by approximately 0.41 mm
[.016 in.]. Repeat steps 2, 3, and 4 of Paragraph 3.1
until the desired insertion depth is attained.
If wire is not deep enough in contact slot: Remove
the head and turn the adjuster COUNTER-
CLOCKWISE. Refer to Figure 3. A 1/6-revolution
adjustment will increase the wire insertion depth by
approximately 0.41 mm [.016 in.]. Repeat Steps 2,
3, and 4 of Paragraph 3.1 until the desired insertion
depth is attained.
Turn Clockwise
1/6-Revolution
to Reduce Wire
Insertion Depth
Approximately
0.41 mm [.016 In.]
Turn Counterclockwise
1/6-Revolution to
Increase Wire Insertion
Depth Approximately
0.41 mm [.016 In.]
Adjuster
(Insertion Rod)
Figure 3
4. TERMINATION PROCEDURE
Multi-pair copper-conductor cables must be prepared
as follows:
1. Strip the cable jacket and untwist the individual
conductors to the dimension shown in Figure 2.
2. Insert connector into the terminating head (from
either side) and position the connector so that the
two terminals are aligned under the two wire slots.
NOTE
i
The terminating head will terminate two wires at
the same time. Since the connector must be
manually located and advanced, make sure that
the proper terminals are located under the wire
slots of the connector.
3. Select a pair of wires; then insert each wire into
the appropriate wire slot that corresponds with the
proper color code. Insert the wire until the twist of
the wire pair is against the cover. See Figure 4.
NOTE
i
The wire ends must be visible from the back of the
terminating head to ensure there is enough wire to
shear.
4. Squeeze the cam handle of the pistol grip handle
assembly until the ratchet releases. This will shear
the wires and insert the wires into the wire slots of
the connector.


Similar Part No. - 189084-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
189085-1 MACOM-189085-1 Datasheet
547Kb / 5P
   Pistol Grip Seating Tool
logo
PHOENIX CONTACT
1890853 PHOENIX-1890853 Datasheet
233Kb / 8P
   ZFKDSA 1,5-5,08- 9 - PCB terminal block
More results

Similar Description - 189084-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8340 TEC-408-8340 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-9603 MACOM-408-9603 Datasheet
224Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9085 MACOM-408-9085 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9910 MACOM-408-9910 Datasheet
169Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10047 MACOM-408-10047 Datasheet
228Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-6929 TEC-408-6929 Datasheet
166Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com