Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17574ATG+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17574ATG+
Description  5V Output-Voltage Application
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17574ATG+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17574ATG+ Datasheet HTML 1Page - Maxim Integrated Products MAX17574ATG+ Datasheet HTML 2Page - Maxim Integrated Products MAX17574ATG+ Datasheet HTML 3Page - Maxim Integrated Products MAX17574ATG+ Datasheet HTML 4Page - Maxim Integrated Products MAX17574ATG+ Datasheet HTML 5Page - Maxim Integrated Products MAX17574ATG+ Datasheet HTML 6Page - Maxim Integrated Products MAX17574ATG+ Datasheet HTML 7Page - Maxim Integrated Products MAX17574ATG+ Datasheet HTML 8Page - Maxim Integrated Products MAX17574ATG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
(VIN = VEN/UVLO = 24V, RRT = 40.2KΩ (fSW = 500kHz), CVCC = 2.2µF, VSGND = VPGND = VMODE/SYNC = VEXTVCC = 0V, VFB = 1V,
LX = SS = CF = RESET = OPEN, VBST to VLX = 5V, TA = -40°C to 125°C, unless otherwise noted. Typical values are at TA = +25°C.
All voltages are referenced to SGND, unless otherwise noted.) (Note 2)
Note 2: All limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range
are guaranteed by design and characterization.
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
Peak Current Limit Threshold
IPEAK-LIMIT
4.4
5.25
5.85
A
Runaway Current Limit
Threshold
IRUNAWAY-
LIMIT
4.9
5.8
6.7
A
Valley Current-Limit Threshold
IVALLEY-LIMIT
MODE/SYNC = OPEN or MODE/
SYNC = VCC
-0.25
0
+0.25
A
Valley Current-Limit Threshold
IVALLEY-LIMIT
MODE/SYNC = SGND
-1.8
A
PFM Current-Limit Threshold
IPFM
MODE/SYNC = OPEN
0.575
0.725
0.9
A
RT/SYNC
Switching Frequency
FSW
RRT = 40.2KΩ
475
500
525
kHz
RRT = OPEN
460
500
540
kHz
RRT = 8.06KΩ
1950
2200
2450
kHz
RRT = 210KΩ
90
100
110
kHz
VFB Undervoltage Trip Level to
Cause HICCUP
VOUT-HICF
0.56
0.58
0.65
V
HICCUP Timeout
32768
Cycles
Minimum On-Time
tON_MIN
60
80
ns
Minimum off-Time
tOFF_MIN
140
160
ns
LX Dead Time
5
ns
RESET
RESET Output Level Low
IRESET = 10mA
400
mV
RESET Output Leakage Current
TA = TJ = 25°C, VRESET = 5.5V
-0.1
+0.1
µA
FB Threshold for RESET
Deassertion
VFB-OKR
VFB rising
93.8
95
97.8
%
FB Threshold for RESET
Assertion
VFB-OKF
VFB falling
90.5
92
94.6
%
RESET De-Assertion Delay After
FB Reaches 95% Regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSHDNR
Temp rising
165
°C
Thermal Shutdown Hysteresis
TSHDNHY
10
°C
MAX17574
4.5V–60V, 3A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 4


Similar Part No. - MAX17574ATG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17574ATG++ MAXIM-MAX17574ATG+ Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
More results

Similar Description - MAX17574ATG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
   5V Output-Voltage Application
Rev 0; 1/14
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17546EVKITB MAXIM-MAX17546EVKITB Datasheet
878Kb / 10P
   5V Output-Voltage Application
Rev 2; 4/18
MAX17632C5EVKIT MAXIM-MAX17632C5EVKIT Datasheet
867Kb / 11P
   5V Output-Voltage Application
Rev 0; 11/17
MAX17545EVKITB MAXIM-MAX17545EVKITB Datasheet
496Kb / 11P
   5V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITB MAXIM-MAX17544EVKITB Datasheet
487Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITB MAXIM-MAX17543EVKITB Datasheet
966Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MA17692A MAXIM-MA17692A Datasheet
558Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
MAX17576EVKITB MAXIM-MAX17576EVKITB Datasheet
920Kb / 11P
   5V Output-Voltage Application
Rev 1; 9/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com