Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS6-4805D Datasheet(PDF) 7 Page - Recom International Power

Part # RS6-4805D
Description  Highest Power Density In SIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6-4805D Datasheet(HTML) 7 Page - Recom International Power

  RS6-4805D Datasheet HTML 1Page - Recom International Power RS6-4805D Datasheet HTML 2Page - Recom International Power RS6-4805D Datasheet HTML 3Page - Recom International Power RS6-4805D Datasheet HTML 4Page - Recom International Power RS6-4805D Datasheet HTML 5Page - Recom International Power RS6-4805D Datasheet HTML 6Page - Recom International Power RS6-4805D Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
non conductive plastic (UL94V-0)
Epoxy (UL94V-0)
Package Dimension (LxWxH)
21.8 x 9.2 x 11.1mm
Package Weight
4.0g
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
tube
520.0 x 18.2 x 11.2mm
Packaging Quantity
22pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
non-condensing
95% RH max.
Dimension Drawing (mm)
0.5
9.2
1.00 Ø +0.15/-0
21.8
7 x 2.54 = 17.78
2.0
RS6 Series
2.54
1 2 3
6 7 8
5
Marking
embossed logo
Bottom View
Top View
Recommended Footprint Details
Pin Connections
Pin #
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
CTRL
CTRL
5
Trim
NC
6
+Vout
+Vout
7
-Vout
Com
8
NC
-Vout
NC= no connection
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.25mm
Pin dimension:
±0.1mm
Pin pitch:
±0.25mm
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RS6
Series
ECO-7
REV.: 2/2017
www.recom-power.com


Similar Part No. - RS6-4805D

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS6-0503R30AX RSG-RS6-0503R30AX Datasheet
112Kb / 3P
   3.0 Watt regulated single output
RS6-0505R30AX RSG-RS6-0505R30AX Datasheet
112Kb / 3P
   3.0 Watt regulated single output
RS6-0507R30AX RSG-RS6-0507R30AX Datasheet
112Kb / 3P
   3.0 Watt regulated single output
RS6-0509R30AX RSG-RS6-0509R30AX Datasheet
112Kb / 3P
   3.0 Watt regulated single output
RS6-0512R30AX RSG-RS6-0512R30AX Datasheet
112Kb / 3P
   3.0 Watt regulated single output
More results

Similar Description - RS6-4805D

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
   High Power Density, 3W in SIP-7 Package
MJW25 TOTAL-POWER-MJW25 Datasheet
539Kb / 10P
   Highest Power Density
logo
Minmax Technology Co., ...
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com