Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS6-2405D Datasheet(PDF) 5 Page - Recom International Power

Part # RS6-2405D
Description  Highest Power Density In SIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6-2405D Datasheet(HTML) 5 Page - Recom International Power

  RS6-2405D Datasheet HTML 1Page - Recom International Power RS6-2405D Datasheet HTML 2Page - Recom International Power RS6-2405D Datasheet HTML 3Page - Recom International Power RS6-2405D Datasheet HTML 4Page - Recom International Power RS6-2405D Datasheet HTML 5Page - Recom International Power RS6-2405D Datasheet HTML 6Page - Recom International Power RS6-2405D Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range (5)
without derating (see graph)
-40°C to +75°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
1776 x 103 hours
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety (LVD)
pending
EN60950-1, 2nd Endition AM2 , 2013
Audio/video, information and communication technology equipment - Safety requirements
(CB Scheme)
pending
EN62368-1, 2014
UL62368-1, 2nd Edition, 2014
CAN/CSA C22.2 No. 62368-1-14, 2014
RoHS2
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits and
methods of measurement
with external filter
(see filter suggestions)
EN55022, Class A
EN55022, Class B
continued on next page
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RS6
Series
ECO-5
REV.: 2/2017
www.recom-power.com
100
80
70
60
40
20
0
-40
0
60
40
20
-20
100
85
75
120
80
Ambient Temperature [°C]
Safe Operating Area
Notes:
Note5: Derating Graph is referring to RS6-0505S. For more details, please contact our technical support service at TechsupportAT@recom-power.com.
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
below 100m
Ω
continuous, automatic revovery
Over Load Protection (OLP)
150% load, continuous, autmatic recovery
Isolation Voltage
I/P to O/P
tested for 1 second
rated for 1 minute
2kVDC
1.6kVDC
Isolation Capacitance
110pF max.
Isolation Resistance
1G
Ω typ.
Isolation Grade
Functional
Derating Graph
(@ Chamber and natural convection 0.1m/s)


Similar Part No. - RS6-2405D

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS6-2405R30AX RSG-RS6-2405R30AX Datasheet
112Kb / 3P
   3.0 Watt regulated single output
More results

Similar Description - RS6-2405D

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
   High Power Density, 3W in SIP-7 Package
MJW25 TOTAL-POWER-MJW25 Datasheet
539Kb / 10P
   Highest Power Density
logo
Minmax Technology Co., ...
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com