Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRBLU23-00300 Datasheet(PDF) 4 Page - Laird Tech Smart Technology

Part # TRBLU23-00300
Description  The BISM2 Bluetooth Serial Module is one of the most compact complete
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TRBLU23-00300 Datasheet(HTML) 4 Page - Laird Tech Smart Technology

  TRBLU23-00300 Datasheet HTML 1Page - Laird Tech Smart Technology TRBLU23-00300 Datasheet HTML 2Page - Laird Tech Smart Technology TRBLU23-00300 Datasheet HTML 3Page - Laird Tech Smart Technology TRBLU23-00300 Datasheet HTML 4Page - Laird Tech Smart Technology TRBLU23-00300 Datasheet HTML 5Page - Laird Tech Smart Technology TRBLU23-00300 Datasheet HTML 6Page - Laird Tech Smart Technology TRBLU23-00300 Datasheet HTML 7Page - Laird Tech Smart Technology TRBLU23-00300 Datasheet HTML 8Page - Laird Tech Smart Technology TRBLU23-00300 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
BISM2 Bluetooth™
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-
support.lairdtech.com
www.lairdtech.com/bluetooth
4
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
1 GENERAL DESCRIPTION
Laird’s BISM2 Bluetooth Serial Module is a fully integrated and qualified Class 1 Bluetooth solution designed
for the lowest integration cost and ownership for designers wishing to incorporate Bluetooth functionality
into their products. The module is qualified to Bluetooth Version 2.0.
The BISM2 Bluetooth Serial Module is one of the most compact complete Bluetooth solutions, making it ideal
to integrate into handheld devices. Another version of the BISM2 module is available that retains the same
board size, mounting holes, and connector as the previous Bluetooth module from Laird, allowing users to
access the improved radio performance and functionality without the need for any PCB modifications.
The BISM2 module is based on Cambridge Silicon Radio’s BlueCore 04 chipset. The module contains all of the
hardware and firmware for a complete Bluetooth solution, requiring no further components. The module has
an integrated, high performance antenna which is matched with the Bluetooth RF and baseband circuitry.
The firmware integrated into the BC04 chipset implements the higher layer Bluetooth protocol stack, up to
and including the Generic Access Profile (GAP), Service Discovery Profile (SDAP), Serial Port Profile (SPP), Dial
Up Networking (DUN) profile, Headset Profile (HSP), Hands Free Profile (HFP), File Transfer Profile (FTP) and
Audio Gateway. A virtual processor within the BC04 implements an AT command processor. This interfaces
to the host system over a straight forward serial port using an extensive range of AT commands. The AT
command set abstracts the Bluetooth protocol from the host application, saving many months of
programming and integration time. It provides extremely short integration times for data-oriented cable
replacement and voice applications. A low cost development system is available for fast product evaluation
and development.
An alternative version of firmware is available that provides multi-point programming support.
The module can be configured so that it can attach to a ‘dumb’ terminal or attach to a PC or PDA for cable
replacement applications.
In addition to the Bluetooth functionality, The BISM2 module provides access to 9 General I/O lines and 2
analogue input and output lines. These can be configured to provide connection to simple devices, such as
switches or LEDs, without requiring any external processing. Both the GPIO and ADC lines can be accessed
either via the wired host UART connection, or remotely over the Bluetooth link.
The BISM2 module is supplied in a small form factor PCB (22.0 mm x 34.0 mm x 7.6 mm), that connects to a
main PCB using a 40-way Hirose connector. The interface is compatible with the BISM1 module. The module
includes a high sensitivity, high gain antenna which provides excellent range. Typical open field performance
provides ranges of over 250 metres at transmit powers of 4 mW.
Support is provided for low power modes that make the BISM2 particularly applicable to battery powered
installations.
The BISM2 module is lead-free, RoHS compliant, and supports an industrial temperature range of -40°C to
+85° C.
1.1 Applications
POS equipment
Medical equipment
Telematics
Voice applications
Industrial automation
Automotive applications


Similar Part No. - TRBLU23-00300

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TRBLU23-00300 LSTD-TRBLU23-00300 Datasheet
208Kb / 2P
   Integrated high-performance ceramic antenna
More results

Similar Description - TRBLU23-00300

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC DDK-BNC_12 Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
logo
DB Lectro Inc
12E-1A DBLECTRO-12E-1A Datasheet
579Kb / 2P
   The 12E Series is one of the Sanyu 30 Watt SMT
logo
C&K Components
NANOT CK-COMPONENTS-NANOT Datasheet
201Kb / 2P
   The Most Compact Nano Size Tact Switch
5 Jul 21
logo
STMicroelectronics
AN2014 STMICROELECTRONICS-AN2014 Datasheet
1Mb / 65P
   How a designer can make the most of STMicroelectronics serial EEPROMs
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
   one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
   one of the most cost effective and popular surface mount crystals available.
29/06/11
logo
AVX Corporation
04025A200JAT2A AVX-04025A200JAT2A Datasheet
176Kb / 4P
   C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available
logo
List of Unclassifed Man...
FS-B3510-01 ETC-FS-B3510-01 Datasheet
91Kb / 1P
   The FS-B3510 is one of the FS-X30 Series FieldServers designed to meet the needs of system integrators in designing a complete interoperable system.
logo
TDK Electronics
PH150F280-5 TDK-PH150F280-5 Datasheet
395Kb / 10P
   The Most Complete Line of Easy-To-Use High-Density DC-DC Modules - At the Lowest Cost
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
   The PM6670S device is a complete
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com