Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS6-0515D Datasheet(PDF) 3 Page - Recom International Power

Part # RS6-0515D
Description  Highest Power Density In SIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6-0515D Datasheet(HTML) 3 Page - Recom International Power

  RS6-0515D Datasheet HTML 1Page - Recom International Power RS6-0515D Datasheet HTML 2Page - Recom International Power RS6-0515D Datasheet HTML 3Page - Recom International Power RS6-0515D Datasheet HTML 4Page - Recom International Power RS6-0515D Datasheet HTML 5Page - Recom International Power RS6-0515D Datasheet HTML 6Page - Recom International Power RS6-0515D Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC/DC Converter
continued on next page
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RS6
Series
ECO-3
REV.: 2/2017
www.recom-power.com
Output Voltage Trimming
Trim Calculation
Practical Example:
Trim UP
Trim DOWN
Vref
+Vout
Trim
R1
Rdown
R3
R2
Vref
-Vout
Trim
R1
Rup
R3
R2
Vref
+Vout
Trim
R1
Rdown
R3
R2
Vref
-Vout
Trim
R1
Rup
R3
R2
Vout
3.3V
5V
12V
15V
R1
16.74k
Ω
10k
Ω
38k
Ω
50k
Ω
R2
10k
Ω
R3
52.3k
Ω
39k
Ω
68k
Ω
68k
Ω
Vref
1.24V
2.5V
a =
q
Vref
r*R1=kΩ
(Vout +
DVout) - Vref
Rup =
qa*R2 r-R3=kΩ
R2 - a
Rdown =
q b*R1r-R3=kΩ
R1 - b
a =
q 2.5V r*10kΩ=8.33kΩ
(5V + 0.5V) - 2.5V
b =
q(Vout+DVout) -Vrefr*R2=kΩ
Vref
Rup =
q 8.33kΩ*10kΩ r-39= 11.0kΩ
10kΩ - 8.33kΩ
RS6-xx03.3S
RS6-xx05S
RS6-xx12S
RS6-xx15S
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.33
3.36
3.39
3.43
3.46
3.49
3.53
3.56
3.59
3.63
Volts
Rup =
1151.73 360.87
197.07
126.28
86.79
61.60
44.14
31.32
21.15
13.76 kOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
Rup =
461.00
211.00
127.67
86.00
61.00
44.33
32.43
23.50
16.56
11.00 kOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20 Volts
Rup =
723.67
327.83
195.89
129.92
90.33
63.94
45.10
30.96
19.96
11.17 kOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.3
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50 Volts
Rup =
765.33
348.67
209.78
140.33
98.67
70.89
51.05
36.17
24.59
15.33 kOhms
Trim Up:
Vout = 5V,
DVout = 0.5V (10%), Vref= 2.5V
Vout
= nom. Output Voltage
DVout = Output Voltage Trim
Rup
= Trim up resistor
Rdown = trim down resistor
a
= trim up factor
b
= trim down factor
DVout = Vout - Vouttrimmed


Similar Part No. - RS6-0515D

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS6-0515R30AX RSG-RS6-0515R30AX Datasheet
112Kb / 3P
   3.0 Watt regulated single output
More results

Similar Description - RS6-0515D

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
   High Power Density, 3W in SIP-7 Package
MJW25 TOTAL-POWER-MJW25 Datasheet
539Kb / 10P
   Highest Power Density
logo
Minmax Technology Co., ...
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com