Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRBLU23-002MP Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # TRBLU23-002MP
Description  The BISM2 Bluetooth Serial Module is one of the most compact complete
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TRBLU23-002MP Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button TRBLU23-002MP Datasheet HTML 5Page - Laird Tech Smart Technology TRBLU23-002MP Datasheet HTML 6Page - Laird Tech Smart Technology TRBLU23-002MP Datasheet HTML 7Page - Laird Tech Smart Technology TRBLU23-002MP Datasheet HTML 8Page - Laird Tech Smart Technology TRBLU23-002MP Datasheet HTML 9Page - Laird Tech Smart Technology TRBLU23-002MP Datasheet HTML 10Page - Laird Tech Smart Technology TRBLU23-002MP Datasheet HTML 11Page - Laird Tech Smart Technology TRBLU23-002MP Datasheet HTML 12Page - Laird Tech Smart Technology TRBLU23-002MP Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
BISM2 Bluetooth™
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-
support.lairdtech.com
www.lairdtech.com/bluetooth
9
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
Signal Name
Pin No.
I/O
Voltage Level
Comments
VIHmax = 2.1 V
VIHmax = 3.7 V
UART_CTS
19
O
VILmax – 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V
UART_RTS
23
O
VOLmax = 0.2 V
VOHmin = 2.8 V
UART_DSR
10
I
VILmax = 0.2 V
VIHmin = 2.8 V
VIHmax = 3.7 V
UART_DTR
12
O
VOLmax = 0.2 V
VOHmin = 2.8 V
Shared with GPIO3
UART_RI
6
I or
O
O/P:VOLmax = 0.2 V
VOHmin = 2.8 V
I/P: VILmax = 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V
Direction may be programmed
UART_DCD
8
I or
O
O/P:VOLmax = 0.2 V
VOHmin = 2.8 V
I/P: VILmax = 0.8 V
VIHmin = 0.8 V
VIHmax – 3.7 V
Direction may be programmed
3.3.2.3
SPI Bus
Signal Name
Pin No.
I/O
Voltage Level
Comments
SPI_MOSI
17
I
VILmax = 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V
Used to reprogram Flash
SPI_MISO
5
O
VOLmax = 0.2 V
VOHmin = 2.8 V
SPI_CSB
7
I
VILmax = 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V
SPI_CLK
9
I
VILmax = 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V


Similar Part No. - TRBLU23-002MP

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TRBLU23-00200 LSTD-TRBLU23-00200 Datasheet
208Kb / 2P
   Integrated high-performance ceramic antenna
More results

Similar Description - TRBLU23-002MP

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC DDK-BNC_12 Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
logo
DB Lectro Inc
12E-1A DBLECTRO-12E-1A Datasheet
579Kb / 2P
   The 12E Series is one of the Sanyu 30 Watt SMT
logo
C&K Components
NANOT CK-COMPONENTS-NANOT Datasheet
201Kb / 2P
   The Most Compact Nano Size Tact Switch
5 Jul 21
logo
STMicroelectronics
AN2014 STMICROELECTRONICS-AN2014 Datasheet
1Mb / 65P
   How a designer can make the most of STMicroelectronics serial EEPROMs
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
   one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
   one of the most cost effective and popular surface mount crystals available.
29/06/11
logo
AVX Corporation
04025A200JAT2A AVX-04025A200JAT2A Datasheet
176Kb / 4P
   C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available
logo
List of Unclassifed Man...
FS-B3510-01 ETC-FS-B3510-01 Datasheet
91Kb / 1P
   The FS-B3510 is one of the FS-X30 Series FieldServers designed to meet the needs of system integrators in designing a complete interoperable system.
logo
TDK Electronics
PH150F280-5 TDK-PH150F280-5 Datasheet
395Kb / 10P
   The Most Complete Line of Easy-To-Use High-Density DC-DC Modules - At the Lowest Cost
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
   The PM6670S device is a complete
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com