Electronic Components Datasheet Search |
|
MB90F548GLPF Datasheet(PDF) 2 Page - Fujitsu Component Limited. |
|
MB90F548GLPF Datasheet(HTML) 2 Page - Fujitsu Component Limited. |
2 / 67 page MB90540/540G/545/545G Series 2 • Instruction set to optimize controller applications Rich data types (bit, byte, word, long word) Rich addressing mode (23 types) Enhanced signed multiplication/division instruction and RETI instruction functions Enhanced precision calculation realized by the 32-bit accumulator • Instruction set designed for high level language (C language) and multi-task operations Adoption of system stack pointer Enhanced pointer indirect instructions Barrel shift instructions • Program patch function (for two address pointers) • Enhanced execution speed : 4-byte Instruction queue • Enhanced interrupt function : 8 levels, 34 factors • Automatic data transmission function independent of CPU operation Extended intelligent I/O service function (EI2OS) • Embedded ROM size and types Mask ROM : 256 Kbytes / 64 Kbytes / 128 Kbytes Flash ROM : 128 Kbytes/256 Kbytes Embedded RAM size : 2 Kbytes/4 Kbytes/6 Kbytes/8 Kbytes (evaluation chip) •Flash ROM Supports automatic programming, Embedded Algorithm TM* Write/Erase/Erase-Suspend/Resume commands A flag indicating completion of the algorithm Hard-wired reset vector available in order to point to a fixed boot sector in Flash Memory Erase can be performed on each block Block protection with external programming voltage • Low-power consumption (stand-by) mode Sleep mode (mode in which CPU operating clock is stopped) Stop mode (mode in which oscillation is stopped) CPU intermittent operation mode Clock mode Hardware stand-by mode •Process 0.5 µm CMOS technology • I/O port General-purpose I/O ports : 81 ports •Timer Watchdog timer : 1 channel 8/16-bit PPG timer : 8/16-bit × 4 channels 16-bit re-load timer : 2 channels • 16-bit I/O timer 16-bit free-run timer : 1 channel Input capture : 8 channels Output compare : 4 channels • Extended I/O serial interface : 1 channel •UART 0 With full-duplex double buffer (8-bit length) Clock asynchronized or clock synchronized (with start/stop bit) transmission can be selectively used. (Continued) |
Similar Part No. - MB90F548GLPF |
|
Similar Description - MB90F548GLPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |