Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP240H-RW Datasheet(PDF) 7 Page - Recom International Power

Part # RP240H-RW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP240H-RW Datasheet(HTML) 7 Page - Recom International Power

Back Button RP240H-RW Datasheet HTML 3Page - Recom International Power RP240H-RW Datasheet HTML 4Page - Recom International Power RP240H-RW Datasheet HTML 5Page - Recom International Power RP240H-RW Datasheet HTML 6Page - Recom International Power RP240H-RW Datasheet HTML 7Page - Recom International Power RP240H-RW Datasheet HTML 8Page - Recom International Power RP240H-RW Datasheet HTML 9Page - Recom International Power RP240H-RW Datasheet HTML 10Page - Recom International Power RP240H-RW Datasheet HTML 11Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DC/DC Converter
Remote Sense
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0%
Line Regulation
low line to high line at full load
±0.1%
Load Regulation
0% to 100% load
±0.1%
Transient Response
25% load step change
200µs typ.; 250µs max.
PB-7
REV.: 1/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP240H-RW
Series
RW1 ... wire losses +
RW2 ... wire losses -
R1 ... trim up resistor
R2 ... trim down resistor
+Vout
-Vout
(GND)
+Sense
RW1
RW2
R1
R2
-Sense
Trim
Transient Response to Dynamic Load Change from 100% to 75% to 100% of Full Load at nom.Vin
RP240H-4805SRW
RP240H-2405SRW
RP240H-11005SRW
The output voltage can be adjusted by both trim and remote sense. The
maximum combined adjustment range ±10%. Derate the maximum out-
put power if using the trim or sense function.


Similar Part No. - RP240H-RW

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RP24110ADA SYSTEMSENSOR-RP24110ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP241575ADA SYSTEMSENSOR-RP241575ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP2415ADA SYSTEMSENSOR-RP2415ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP2475ADA SYSTEMSENSOR-RP2475ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
More results

Similar Description - RP240H-RW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com