Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC0V104ZFTBR32-SS Datasheet(PDF) 3 Page - Kemet Corporation

Part # FC0V104ZFTBR32-SS
Description  Supercapacitors FC Series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FC0V104ZFTBR32-SS Datasheet(HTML) 3 Page - Kemet Corporation

  FC0V104ZFTBR32-SS Datasheet HTML 1Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 2Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 3Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 4Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 5Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 6Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 7Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 8Page - Kemet Corporation FC0V104ZFTBR32-SS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6011_FC • 3/7/2014
Supercapacitors – FC Series
Performance Characteristics
Supercapacitors should not be used for applications such as ripple absorption because of their high internal resistance (several
hundred mΩ to a hundred Ω) compared to aluminum electrolytic capacitors. Thus, its main use would be similar to that of secondary
battery such as power back-up in DC circuit. The following list shows the characteristics of supercapacitors as compared to aluminum
electrolytic capacitors for power back-up and secondary batteries.
Secondary Battery
Capacitor
NiCd
Lithium Ion
Aluminum Electrolytic
Supercapacitor
Back-up ability
Eco-hazard
Cd
Operating Temperature Range
-20 to +60ºC
-20 to +50ºC
-55 to +105ºC
-40 to +85ºC (FR, FT)
Charge Time
few hours
few hours
few seconds
few seconds
Charge/Discharge Life Time
approximately 500 times
approximately 500 to 1,000
times
limitless (*1)
limitless (*1)
Restrictions on Charge/Discharge
yes
yes
none
none
Flow Soldering
not applicable
not applicable
applicable
applicable
Automatic Mounting
not applicable
not applicable
applicable
applicable
(FM and FC series)
Safety Risks
leakage, explosion
leakage, combustion,
explosion, ignition
heat-up, explosion
gas emission (*2)
(*1) Aluminum electrolytic capacitors and supercapacitors have limited lifetime. However, when used under proper conditions, both can operate within a
predetermined lifetime.
(*2) There is no harm as it is a mere leak of water vapor which transitioned from water contained in the electrolyte (diluted sulfuric acid). However, application of
abnormal voltage surge exceeding maximum operating voltage may result in leakage and explosion.
Typical Applications
Intended Use (Guideline) Power Supply (Guideline)
Application
Examples of Equipment
Series
Long time back-up
500 μA and below
CMOS microcomputer, IC
for clocks
CMOS microcomputer,
static RAM/DTS
(digital tuning system)
FC series
Environmental Compliance
All KEMET supercapacitors are RoHS Compliant.


Similar Part No. - FC0V104ZFTBR32-SS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0V104ZFTBR32-SS KEMET-FC0V104ZFTBR32-SS Datasheet
785Kb / 16P
   Supercapacitors FC Series
More results

Similar Description - FC0V104ZFTBR32-SS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FC0H104ZFTBR24-SS KEMET-FC0H104ZFTBR24-SS_17 Datasheet
785Kb / 16P
   Supercapacitors FC Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com