Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14002 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14002
Description  Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14002 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14002 Datasheet HTML 1Page - Maxim Integrated Products MAX14002 Datasheet HTML 2Page - Maxim Integrated Products MAX14002 Datasheet HTML 3Page - Maxim Integrated Products MAX14002 Datasheet HTML 4Page - Maxim Integrated Products MAX14002 Datasheet HTML 5Page - Maxim Integrated Products MAX14002 Datasheet HTML 6Page - Maxim Integrated Products MAX14002 Datasheet HTML 7Page - Maxim Integrated Products MAX14002 Datasheet HTML 8Page - Maxim Integrated Products MAX14002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
(VDDL - VGNDL = 1.71V to 5.5V, VDD - VGNDL = 3.0V to 3.6V, RISET = 120kΩ, TA = -40°C to +125°C, VGNDF = VGNDL. Typical values
are at TA = +25°C with VDDL = VDD = +3.3V, RISET = 120kΩ, VGNDF = VGNDL.) (Notes 2, 3)
MAX14001/MAX14002
Configurable, Isolated 10-bit ADCs for
Multi-Range Binary Inputs
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BIAS CURRENT DAC
Full-Scale Current
Excludes RISET errors
3.375
3.75
4.125
mA
Resolution
0.25
mA
Offset Error
IBIAS[3:0] = 0 (see CFG register)
50
100
µA
Integral Nonlinearity
INL
0.25
LSB
INRUSH CURRENT DAC
Full-Scale Current
Excludes RISET errors
94.5
105
115.5
mA
Resolution
7
mA
Offset
IINR[3:0] = 0 (see INRP register)
50
100
µA
Integral Nonlinearity
INL
0.25
LSB
Inrush Current
MAX14002 only. Excludes RISET errors
44.1
49
53.9
mA
INRUSH TIMER
Range
Nominal
0
120
ms
Resolution
Programmed by TINR[3:0] (see INRP register)
8
ms
Error
-20
+20
%
Maximum Duty Cycle
DU1 = 0, DU0 = 1 (see INRP register)
1.6
%
DU1 = 1, DU0 = 0 (see INRP register)
3.1
DU1 = 1, DU0 = 1 (see INRP register)
6.3
Inrush Duration
MAX14002 only
38.4
48
57.6
ms
INRUSH COMPARATOR
Range
0
ADC FS
V
Resolution
10
Bits
Latency (No Filtering)
From input voltage = INRT until IINR = 50% of set
value (Notes 4, 7)
22
160
µs
Latency (2 Readings)
From input voltage = INRT until IINR = 50% of set
value (Notes 4, 7)
102
280
µs
Latency (4 Readings)
From input voltage = INRT until IINR = 50% of set
value (Notes 4, 7)
192
520
µs
Latency (8 Readings)
From input voltage = INRT until IINR = 50% of set
value (Notes 4, 7)
356
1000
µs
LOGIC I/O LEVELS
Input High Voltage
VIH
SCLK, SDI, CS
0.7 x VDDL
V
Input Low Voltage
VIL
SCLK, SDI, CS
0.3 x VDDL
V
Input Hysteresis
VHYST
SCLK, SDI, CS
0.05 x
VDDL
V


Similar Part No. - MAX14002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX14001 MAXIM-MAX14001 Datasheet
828Kb / 9P
   Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
MAX14001EVKIT MAXIM-MAX14001EVKIT Datasheet
1Mb / 27P
   Easy Evaluation of the MAX14001/MAX14002
2016
MAX14001PMB MAXIM-MAX14001PMB Datasheet
828Kb / 9P
   Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
More results

Similar Description - MAX14002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
LTC2500-32 LINER-LTC2500-32 Datasheet
771Kb / 10P
   32-Bit/24-Bit Oversampling ADCs with Configurable Digital Filter
logo
Analog Devices
EVAL-AD7476 AD-EVAL-AD7476 Datasheet
508Kb / 12P
   Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
REV. 0
logo
Linear Technology
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com