Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14001 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14001
Description  Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14001 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14001 Datasheet HTML 6Page - Maxim Integrated Products MAX14001 Datasheet HTML 7Page - Maxim Integrated Products MAX14001 Datasheet HTML 8Page - Maxim Integrated Products MAX14001 Datasheet HTML 9Page - Maxim Integrated Products MAX14001 Datasheet HTML 10Page - Maxim Integrated Products MAX14001 Datasheet HTML 11Page - Maxim Integrated Products MAX14001 Datasheet HTML 12Page - Maxim Integrated Products MAX14001 Datasheet HTML 13Page - Maxim Integrated Products MAX14001 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MAX14001/MAX14002
Configurable, Isolated 10-bit ADCs for
Multi-Range Binary Inputs
www.maximintegrated.com
Maxim Integrated │ 10
Pin Configuration
Pin Description
20
19
18
17
16
15
13
1
2
3
4
5
6
8
VDDL
GNDL
FAULT
COUT
AGND
AIN
GNDF
ISET
TOP VIEW
MAX14001
MAX14002
CS
SCLK
SDO
GATE
IC
14
7
SDI
IFET
11
10
GNDL
GNDF
12
9
VDD
VDDF
REFIN
20-SSOP
+
7.33mm
7.9mm
PIN
NAME
REFERENCE
FUNCTION
POWER SUPPLY
20
VDDL
GNDL
Power Input for the Logic-Side of the MAX14001/MAX14002. Bypass with
10µF||1000pF capacitors to GNDL.
12
VDD
GNDL
Power Input for the Isolated DC-DC Converter. The DC-DC converter powers the field-
side of the MAX14001/MAX14002. Bypass with 10µF||1000pF capacitors to GNDL.
11, 19
GNDL
Power and Signal Ground for All Logic-Side Pins.
9
VDDF
GNDF
Unregulated Output of the DC-DC Converter. Bypass to GNDF with 0.1µF||1000pF
capacitors. The 1000pF capacitor should be placed as close to the pin as possible.
8
GATE
GNDF
Bias Voltage for the Gate of the External Depletion Mode FET. Connect a 0.01µF
capacitor from GATE to GNDF.
2, 10
GNDF
Field-side ground for everything except the ADC front-end and voltage reference.
ANALOG
1
ISET
GNDF
Connect a 120kΩ Resistor From ISET to GNDF. This generates a reference current
used to establish the correct bias and inrush currents. Parasitic capacitance on this
pin should not exceed 10pF.
7
IFET
GNDF
Current Sink Input for Inrush and Bias Current. This pin is buffered from high
voltage by connecting it to the source of the external high-voltage FET. Connect a
1000pF capacitor from IFET to GNDF.
3
AIN
AGND
Analog Input. The ADC measures the voltage on this pin with respect to AGND.
4
AGND
Analog Ground Reference for AIN and REFIN
5
REFIN
AGND
Optional External Voltage Reference Input (Nominally 1.25V). When an external
reference is used, connect a 0.1μF bypass capacitor from REFIN to AGND. When
an internal reference is used, connect REFIN directly to AGND.
6
IC
GNDF
Internally Connected. Connect to GNDF.


Similar Part No. - MAX14001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14001 MAXIM-MAX14001 Datasheet
828Kb / 9P
   Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
MAX14001EVKIT MAXIM-MAX14001EVKIT Datasheet
1Mb / 27P
   Easy Evaluation of the MAX14001/MAX14002
2016
MAX14001PMB MAXIM-MAX14001PMB Datasheet
828Kb / 9P
   Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
More results

Similar Description - MAX14001

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
LTC2500-32 LINER-LTC2500-32 Datasheet
771Kb / 10P
   32-Bit/24-Bit Oversampling ADCs with Configurable Digital Filter
logo
Analog Devices
EVAL-AD7476 AD-EVAL-AD7476 Datasheet
508Kb / 12P
   Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
REV. 0
logo
Linear Technology
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
   10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
   10-Bit,170Msps/ 135Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com