Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9282A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9282A
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and LVDS Output
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9282A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9282A Datasheet HTML 5Page - Maxim Integrated Products MAX9282A Datasheet HTML 6Page - Maxim Integrated Products MAX9282A Datasheet HTML 7Page - Maxim Integrated Products MAX9282A Datasheet HTML 8Page - Maxim Integrated Products MAX9282A Datasheet HTML 9Page - Maxim Integrated Products MAX9282A Datasheet HTML 10Page - Maxim Integrated Products MAX9282A Datasheet HTML 11Page - Maxim Integrated Products MAX9282A Datasheet HTML 12Page - Maxim Integrated Products MAX9282A Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
www.maximintegrated.com
Maxim Integrated │ 9
(VAVDD = VDVDD = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected to PCB ground (GND), TA = -40°C
to +105°C, unless otherwise noted. Typical values are at VAVDD = VDVDD = VIOVDD = 3.3V, TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OPEN-DRAIN INPUT/OUTPUT (GPIO0, GPIO1, RX/SDA, TX/SCL, ERR, LOCK)
High-Level Input Voltage
VIH2
0.7 x
VIOVDD
V
Low-Level Input Voltage
VIL2
0.3 x
VIOVDD
V
Input Current
IIN2
(Note 4)
RX/SDA, TX/SCL
-100
+5
µA
LOCK, ERR, GPIO_
-80
+5
Low-Level Output Voltage
VOL2
IOUT = 3mA
VIOVDD = 1.7V to 1.9V
0.4
V
VIOVDD = 3.0V to 3.6V
0.3
Input Capacitance
CIN
Each pin (Note 5)
10
pF
OUTPUT FOR REVERSE CONTROL CHANNEL (IN+, IN-)
Differential High Output Peak
Voltage (VIN+) - (VIN-)
VRODH
Forward channel
disabled,
Figure 1
Legacy reverse control-
channel mode
30
60
mV
High-immunity mode
50
100
Differential Low Output Peak
Voltage (VIN+) - (VIN-)
VRODL
Forward channel
disabled,
Figure 1
Legacy reverse control-
channel mode
-60
-30
mV
High-immunity mode
-100
-50
Single-Ended High Output Peak
Voltage
VROSH
Forward channel
disabled
Legacy reverse control-
channel mode
30
60
mV
High-immunity mode
50
100
Single-Ended Low Output Peak
Voltage
VROSL
Forward channel
disabled
Legacy reverse control-
channel mode
-60
-30
mV
High-immunity mode
-100
-50
DIFFERENTIAL INPUTS (IN+, IN-)
Differential High Input Threshold
(Peak) Voltage (VIN+) - (VIN-)
VIDH(P)
Figure 2
Activity detector medium
threshold, (0x0B D[6:5] = 01)
60
mV
Activity detector low threshold,
(0x0B D[6:5] = 00)
47.5
Differential Low Input Threshold
(Peak) Voltage (VIN+) - (VIN-)
VIDL(P)
Figure 2
Activity detector medium
threshold, (0x0B D[6:5] = 01)
-60
mV
Activity detector medium
threshold, (0x0B D[6:5] = 00)
-47.5
Input Common-Mode Voltage
((VIN+) + (VIN-))/2
VCMR
1
1.3
1.6
V
MAX9278A/MAX9282A
3.12Gbps GMSL Deserializers
for Coax or STP Input and LVDS Output
DC Electrical Characteristics (continued)


Similar Part No. - MAX9282A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9282A MAXIM-MAX9282A Datasheet
7Mb / 41P
   Fully Assembled and Tested
Rev 0; 3/16
More results

Similar Description - MAX9282A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9276 MAXIM-MAX9276_V01 Datasheet
2Mb / 70P
   3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2015
MAX9276A MAXIM-MAX9276A Datasheet
2Mb / 71P
   3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2018
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
   3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
MAX9288 MAXIM-MAX9288 Datasheet
2Mb / 103P
   3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
Rev 4; 3/18
MAX9291 MAXIM-MAX9291 Datasheet
1Mb / 86P
   3.12Gbps GMSL Serializers for Coax or STP Output and HDMI Input
Rev 3; 2/18
MAX9275 MAXIM-MAX9275 Datasheet
2Mb / 69P
   3.12Gbps GMSL Serializers for Coax or STP Output Drive and Parallel Input
Rev 3; 12/17
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
MAX9272 MAXIM-MAX9272 Datasheet
2Mb / 47P
   28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 6/12
MAX96706 MAXIM-MAX96706 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
Rev 0; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com