Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40-04LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS40-04LT1G
Description  Dual Series Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS40-04LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAS40-04LT1G_16 Datasheet HTML 1Page - ON Semiconductor BAS40-04LT1G_16 Datasheet HTML 2Page - ON Semiconductor BAS40-04LT1G_16 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 1997
October, 2016 − Rev. 12
1
Publication Order Number:
BAS40−04LT1/D
BAS40-04LT1G,
SBAS40-04LT1G
Dual Series
Schottky Barrier Diode
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
Extremely Fast Switching Speed
Low Forward Voltage
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
40
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25°C
PF
225
1.8
mW
mW/°C
Operating Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
Forward Continuous Current
IFM
120
mA
Single Forward Current
t v 1 s
t v 10 ms
IFSM
200
600
mA
Thermal Resistance (Note 1)
Junction−to−Ambient (Note 2)
RqJA
508
311
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage
the device. If any of these limits are exceeded, device functionality should not
be assumed, damage may occur and reliability may be affected.
1. FR−4 @ minimum pad.
2. FR−4 @ 1.0 x 1.0 in pad.
www.onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
SOT−23 (TO−236)
CASE 318
STYLE 11
40 VOLTS
SCHOTTKY BARRIER DIODES
MARKING DIAGRAM
CB
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
ANODE
1
CATHODE
2
3
CATHODE/ANODE
BAS40−04LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
CB MG
G
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
SBAS40−04LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel


Similar Part No. - BAS40-04LT1G_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS40-04LT1G ONSEMI-BAS40-04LT1G Datasheet
45Kb / 4P
   SCHOTTKY BARRIER DIODES
March, 2004 ??Rev. 8
BAS40-04LT1G ONSEMI-BAS40-04LT1G Datasheet
125Kb / 4P
   Dual Series Schottky Barrier Diode
August, 2009 ??Rev. 10
More results

Similar Description - BAS40-04LT1G_16

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAS70-04LT1 LRC-BAS70-04LT1 Datasheet
46Kb / 2P
   Dual Series Schottky Barrier Diode
logo
ON Semiconductor
BAS70-04LT1 ONSEMI-BAS70-04LT1 Datasheet
43Kb / 4P
   Dual Series Schottky Barrier Diode
May, 2004 ??Rev. 6
BAS70-04LT1G ONSEMI-BAS70-04LT1G_16 Datasheet
89Kb / 3P
   Dual Series Schottky Barrier Diode
October, 2016 ??Rev. 11
logo
Leshan Radio Company
BAS40-04LT1 LRC-BAS40-04LT1 Datasheet
46Kb / 2P
   Dual Series Schottky Barrier Diode
logo
ON Semiconductor
BAS40-04LT1G ONSEMI-BAS40-04LT1G Datasheet
125Kb / 4P
   Dual Series Schottky Barrier Diode
August, 2009 ??Rev. 10
BAS70-04LT1G ONSEMI-BAS70-04LT1G Datasheet
124Kb / 3P
   Dual Series Schottky Barrier Diode
August, 2009 ??Rev. 9
logo
Shanghai Leiditech Elec...
LBAT54ALT1G LEIDITECH-LBAT54ALT1G Datasheet
716Kb / 4P
   Dual Series Schottky Barrier Diode
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
   Dual Schottky barrier diode
17 December 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com