Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3491AEASD+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3491AEASD+
Description  3.3V-Powered, 짹20kV ESD-Protected
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3491AEASD+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3491AEASD+ Datasheet HTML 1Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 2Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 3Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 4Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 5Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 6Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 7Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 8Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
(VoltagesreferencedtoGND.)
VCC .....................................................................-0.3Vto+4.0V
RO ............................................................ -0.3V to (VCC+0.3V)
RE, DE, DI............................................................-0.3Vto+3.6V
A, B, Y, Z ............................................................-9.0Vto+13.0V
Short-CircuitDuration(RO,A,B,Y,Z)toGND.........Continuous
Operating Temperature Range
MAX3483AE/85AE/88AE/90AE/91AE.......... -40°Cto+125°C
MAX3488AE/90AE ....................................... -40°Cto+105°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°Cto+150°C
ContinuousPowerDissipation(TA=+70°C)
8SO(derateat7.6mW/°Cabove+70°C)...................606mW
14SO(derateat11.9mW/°Cabove+70°C) ...............952mW
LeadTemperature(soldering,10s) .................................+300°C
Soldering Temperature (reflow)......................................+260°C
Junction-to-Case Thermal Resistance (θJC)
8-pin SO ......................................................................38°C/W
14-pin SO ....................................................................34°C/W
Junction-to-Ambient Thermal Resistance (θJA)
8-pin SO ....................................................................132°C/W
14-pin SO ....................................................................84°C/W
(Note 1)
(VCC=+3.0Vto+3.6V,TA = TMIN to TMAX, unless otherwise specified. Typical values are at VCC=+3.3VandTA=+25°C.)(Notes2,3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VCC
3.0
3.6
V
Supply Current
ICC
DE = VCC, RE=GND,noload
1.9
4
mA
DE = 0, RE = 0, no load, DI = 0 or VCC
1.2
4.0
Shutdown Supply Current
ISHDN
DE=GND,RE = VCCMAX3483AE/85AE/91AE
10
µA
DRIVER
Differential Driver Output
VOD
VCC = 3V, RL=100Ω,Figure1
2.0
V
VCC = 3V, RL=54Ω,Figure1
1.5
Change in Magnitude of Differential
Output Voltage
∆VOD
RL=54Ωor100Ω,Figure1(Note4)
-0.2
+0.2
V
Driver Common-Mode Output Voltage
VOC
RL=54Ωor100Ω,Figure1
VCC/2
3
V
Change in Magnitude of Common-
Mode Voltage
ΔVOC
RL=54Ωor100Ω,Figure1(Note4)
-0.2
+0.2
V
Single-Ended Driver Output High
VOH
A or B output, IA or B = -20mA
2.2
V
Single-EndedDriverOutputLow
VOL
A or B output, IA or B = 20mA
0.8
V
Driver Short-Circuit Output Current
IOSD
VOUT=-7V
-250
mA
VOUT=+12V
250
mA
Note 1: PackagethermalresistanceswereobtainedusingthemethoddescribedinJEDECspecificationJESD51-7,usingafour-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
MAX3483AE/MAX3485AE/
MAX3488AE/MAX3490AE/
MAX3491AE
+3.3V-Powered, ±20kV ESD-Protected,
20Mbps and Slew-Rate-Limited
RS-485/RS-422 Transceivers
www.maximintegrated.com
Maxim Integrated │ 2


Similar Part No. - MAX3491AEASD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3491AEASD++ MAXIM-MAX3491AEASD+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
More results

Similar Description - MAX3491AEASD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3485ECSA MAXIM-MAX3485ECSA Datasheet
237Kb / 16P
   3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
   3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
October 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com