Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3491AEASD+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3491AEASD+
Description  3.3V-Powered, 짹20kV ESD-Protected
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3491AEASD+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3491AEASD+ Datasheet HTML 3Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 4Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 5Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 6Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 7Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 8Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 9Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 10Page - Maxim Integrated Products MAX3491AEASD+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Figure 1. Driver DC Test Load
Figure 2. Driver Timing Test Circuit
Figure 3. Driver Propagation Delays
VOD
A
B
VOC
RL
2
RL
2
RL
CL
VOD
VCC
DI
DE
A
B
1.5V
1.5V
tDPHL
tDPLH
VOD
0
B
A
DI
10%
90%
10%
90%
0
-VO
VOD
tDSKEW = |tDPLH - tDPHL|
VOD = [VA - VB]
VCC
VO
tLH = 3ns, tHL = 3ns
tLH
tHL
Test and Timing Diagrams
MAX3483AE/MAX3485AE/
MAX3488AE/MAX3490AE/
MAX3491AE
+3.3V-Powered, ±20kV ESD-Protected,
20Mbps and Slew-Rate-Limited
RS-485/RS-422 Transceivers
www.maximintegrated.com
Maxim Integrated │ 7


Similar Part No. - MAX3491AEASD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3491AEASD++ MAXIM-MAX3491AEASD+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
More results

Similar Description - MAX3491AEASD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3485ECSA MAXIM-MAX3485ECSA Datasheet
237Kb / 16P
   3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
   3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
October 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com