Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3488AEGSA+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3488AEGSA+
Description  3.3V-Powered, 짹20kV ESD-Protected
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3488AEGSA+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3488AEGSA+ Datasheet HTML 1Page - Maxim Integrated Products MAX3488AEGSA+ Datasheet HTML 2Page - Maxim Integrated Products MAX3488AEGSA+ Datasheet HTML 3Page - Maxim Integrated Products MAX3488AEGSA+ Datasheet HTML 4Page - Maxim Integrated Products MAX3488AEGSA+ Datasheet HTML 5Page - Maxim Integrated Products MAX3488AEGSA+ Datasheet HTML 6Page - Maxim Integrated Products MAX3488AEGSA+ Datasheet HTML 7Page - Maxim Integrated Products MAX3488AEGSA+ Datasheet HTML 8Page - Maxim Integrated Products MAX3488AEGSA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
(VCC=+3Vto+3.6V,TA = TMINto TMAX, unless otherwise specified. Typical values are at VCC=+3.3VandTA=+25°C.)(Notes2,3,5)
(VCC=+3Vto+3.6V,TA = TMINto TMAX, unless otherwise specified. Typical values are at VCC=+3.3VandTA=+25°C.)(Notes2,3,5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Disable Time from High
tRHZ
RL=1kΩ,CL = 15pF,
MAX3485AE, MAX3491AE
Figure 8
40
ns
Receiver Enable from Shutdown to
Output High
tRLZ(SHDN)
RL=1kΩ,CL = 15pF,
MAX3485AE,Figure8(Note7)
6
µs
MAX3491AE
100
µs
Receiver Enable from Shutdown to
OutputLow
tRHZ(SHDN)
RL=1kΩ,CL = 15pF,
MAX3485AE,Figure8(Note7)
6
µs
MAX3491AE
100
µs
Time to Shutdown
tSHDN
(Note8)
50
800
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
DriverPropagationDelay
tDPLH
RL=54Ω,CL = 50pF,
Figures 2 and 3
1000
ns
tDPHL
1000
Driver Differential Output Rise or
Fall Time
tHL, tLH
RL=54Ω,CL = 50pF,
Figures 2 and 3
200
900
ns
Differential Driver Output Skew
|tDPLH - tDPHL|
tDSKEW
RL=54Ω,CL = 50pF,
Figures 2 and 3
140
ns
Maximum Data Rate
DRMAX
500
kbps
Driver Enable to Output High
tDZH
RL=110Ω,CL = 50pF,
MAX3483AE
Figures4and5(Note6)
2500
ns
DriverEnabletoOutputLow
tDZL
RL=110Ω,CL = 50pF,
MAX3483AE
Figures4and5(Note6)
2500
ns
DriverDisableTimefromLow
tDLZ
RL=110Ω,CL = 50pF,
MAX3483AE
Figures 4 and 5
100
ns
Driver Disable Time from High
tDHZ
RL=110Ω,CL = 50pF,
MAX3483AE
Figures 4 and 5
100
ns
Driver Enable from Shutdown to
Output High
tDLZ(SHDN)
RL=110Ω,CL = 15pF,
MAX3483AE
Figures4and5(Note6)
10
µs
Switching Characteristics (MAX3483AE/MAX3488AE)
Switching Characteristics MAX3485AE/MAX3490AE/MAX3491AE (continued)
MAX3483AE/MAX3485AE/
MAX3488AE/MAX3490AE/
MAX3491AE
+3.3V-Powered, ±20kV ESD-Protected,
20Mbps and Slew-Rate-Limited
RS-485/RS-422 Transceivers
www.maximintegrated.com
Maxim Integrated │ 5


Similar Part No. - MAX3488AEGSA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3488AEGSA++ MAXIM-MAX3488AEGSA+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
More results

Similar Description - MAX3488AEGSA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3485ECSA MAXIM-MAX3485ECSA Datasheet
237Kb / 16P
   3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
   3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
October 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com