Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3483AE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3483AE
Description  3.3V-Powered, 짹20kV ESD-Protected
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3483AE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3483AE Datasheet HTML 7Page - Maxim Integrated Products MAX3483AE Datasheet HTML 8Page - Maxim Integrated Products MAX3483AE Datasheet HTML 9Page - Maxim Integrated Products MAX3483AE Datasheet HTML 10Page - Maxim Integrated Products MAX3483AE Datasheet HTML 11Page - Maxim Integrated Products MAX3483AE Datasheet HTML 12Page - Maxim Integrated Products MAX3483AE Datasheet HTML 13Page - Maxim Integrated Products MAX3483AE Datasheet HTML 14Page - Maxim Integrated Products MAX3483AE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
(VCC=+3.3V,TA=+25°C, unless otherwise specified.)
10
12
14
16
18
20
22
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
MAX3485AE/90AE/91AE - 20Mbps
DRIVER PROPOGATION DELAY
vs. TEMPERATURE
TOC9
tDPHL, MAX3485AE
tDPHL, MAX3490AE/91AE
tDPLH, MAX3490AE/91AE
tDPLH, MAX3485AE
RL = 54Ω
CL = 50pF
-4
-2
0
2
4
6
8
10
12
14
16
18
20
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
MAX3483AE/88AE – 500Kbps
DIFFERENTIAL DRIVER SKEW
vs. TEMPERATURE
TOC10
MAX3488AE
MAX3483AE
RL = 54Ω
CL = 50pF
0
1
2
3
4
5
6
7
8
9
10
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
MAX3485AE/90AE/91AE
DIFFERENTIAL DRIVER SKEW
vs. TEMPERATURE
TOC11
RL = 54Ω
CL = 50pF
MAX3490AE/91AE
MAX3485AE
0
50
100
150
200
250
300
350
400
450
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
MAX3483AE/88AE
DRIVER OUTPUT RISE AND FALL TIME
vs. TEMPERATURE
TOC12
tLH, MAX3488AE
RL = 54Ω
CL = 50pF
tHL, MAX3488AE
tLH, MAX3483AE
tHL, MAX3483AE
0
1
2
3
4
5
6
7
8
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
MAX3485AE/90AE/91AE
DRIVER OUTPUT RISE/FALL TIME
vs. TEMPERATURE
TOC13
tHL, MAX3490AE/91AE
RL = 54Ω
CL = 50pF
tHL, MAX3485AE
tLH, MAX3490AE/91AE
tLH, MAX3485A
0
5
10
15
20
25
30
35
40
45
50
55
60
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
MAX3483AE/88AE
DRIVER OUTPUT TRANSITION SKEW
vs. TEMPERATURE
TOC14
RL = 54Ω
CL = 50pF
MAX3488AE
MAX3483AE
0
0.5
1
1.5
2
2.5
3
3.5
4
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
MAX3485AE/90AE/91AE
DRIVER OUTPUT TRANSITION SKEW
vs. TEMPERATURE
TOC15
RL = 54Ω
CL = 50pF
MAX3485AE
MAX3490AE/91AE
Typical Operating Characteristics (continued)
Maxim Integrated │ 11
www.maximintegrated.com
MAX3483AE/MAX3485AE/
MAX3488AE/MAX3490AE/
MAX3491AE
+3.3V-Powered, ±20kV ESD-Protected,
20Mbps and Slew-Rate-Limited
RS-485/RS-422 Transceivers


Similar Part No. - MAX3483AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3483AEASA++ MAXIM-MAX3483AEASA+ Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
More results

Similar Description - MAX3483AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX3485ECSA MAXIM-MAX3485ECSA Datasheet
237Kb / 16P
   3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
Rev 0; 4/99
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
   3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
October 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com