Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRD320G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBRD320G
Description  Switch-mode Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRD320G Datasheet(HTML) 5 Page - ON Semiconductor

  MBRD320G Datasheet HTML 1Page - ON Semiconductor MBRD320G Datasheet HTML 2Page - ON Semiconductor MBRD320G Datasheet HTML 3Page - ON Semiconductor MBRD320G Datasheet HTML 4Page - ON Semiconductor MBRD320G Datasheet HTML 5Page - ON Semiconductor MBRD320G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBRD320G, MBRD330G, MBRD340G, MBRD350G, MBRD360G
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 4. Current Derating, Case
Figure 5. Current Derating, Ambient
Figure 6. Typical Capacitance
140
80
TC, CASE TEMPERATURE (°C)
8.0
7.0
5.0
6.0
4.0
TA, AMBIENT TEMPERATURE (°C)
100
160
0
2.0
1.0
0.5
0
60
0
VR, REVERSE VOLTAGE (VOLTS)
100
70
50
30
20
10
70
3.0
2.0
1.0
110
90
100
120
130
150
160
120
140
20
40
60
80
1.5
2.5
3.0
10
20
30
40
50
0
3.5
4.0
200
300
500
700
1 K
TJ = 25°C
RATED VOLTAGE APPLIED
TJ = 150°C
RqJC = 6°C/W
dc
SINE
WAVE
OR
SQUARE
WAVE
TJ = 150°C
TJ = 150°C
TJ = 125°C
RqJA = 80°C/W
SURFACE MOUNTED ON MIN.
PAD SIZE RECOMMENDED
SQUARE WAVE
OR
SINE WAVE
VR = 25 V
dc


Similar Part No. - MBRD320G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD320G ONSEMI-MBRD320G Datasheet
64Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 4
MBRD320G ONSEMI-MBRD320G Datasheet
105Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBRD320G ONSEMI-MBRD320G Datasheet
140Kb / 6P
   SWITCHMODE Power Rectifiers
January, 2012 ??Rev. 8
MBRD320G ONSEMI-MBRD320G Datasheet
140Kb / 6P
   SWITCHMODE Power Rectifiers
January, 2012 ??Rev. 8
More results

Similar Description - MBRD320G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com