Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F548GLS Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F548GLS
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F548GLS Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F548GLS Datasheet HTML 7Page - Fujitsu Component Limited. MB90F548GLS Datasheet HTML 8Page - Fujitsu Component Limited. MB90F548GLS Datasheet HTML 9Page - Fujitsu Component Limited. MB90F548GLS Datasheet HTML 10Page - Fujitsu Component Limited. MB90F548GLS Datasheet HTML 11Page - Fujitsu Component Limited. MB90F548GLS Datasheet HTML 12Page - Fujitsu Component Limited. MB90F548GLS Datasheet HTML 13Page - Fujitsu Component Limited. MB90F548GLS Datasheet HTML 14Page - Fujitsu Component Limited. MB90F548GLS Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
MB90540/540G/545/545G Series
11
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP*2
QFP*1
20
22
P44
G
General I/O port. This function is enabled when UART1
disables the clock output.
SCK1
Serial clock pulse I/O pin for UART1. This function is
enabled when UART1 enables the serial clock output.
22
24
P45
G
General I/O port. This function is enabled when UART1
disables the serial data output.
SOT1
Serial data output pin for UART1. This function is enabled when
UART1 enables the serial data output.
23
25
P46
G
General I/O port. This function is enabled when the Extended
I/O serial interface disables the serial data output.
SOT2
Serial data output pin for the Extended I/O serial interface. This
function is enabled when the Extended I/O serial interface en-
ables the serial data output.
24
26
P47
G
General I/O port. This function is enabled when the Extended
I/O serial interface disables the clock output.
SCK2
Serial clock pulse I/O pin for the Extended I/O serial interface .
This function is enabled when the Extended I/O serial interface
enables the Serial clock output.
26
28
P50
D
General I/O port. This function is always enabled.
SIN2
Serial data input pin for the Extended I/O serial interface . Set
the corresponding Port Direction Register to input if this func-
tion is used.
27 to 30
29 to 32
P51 to P54
D
General I/O port. This function is always enabled.
INT4 to INT7
External interrupt request input pins for INT4 to INT7. Set the
corresponding Port Direction Register to input if this function is
used.
31
33
P55
D
General I/O port. This function is always enabled.
ADTG
Trigger input pin for the A/D converter. Set the corresponding
Port Direction Register to input if this function is used.
36 to 39
38 to 41
P60 to P63
E
General I/O port. This function is enabled when the analog
input enable register specifies a port.
AN0 to AN3
Analog input pins for the 8/10-bit A/D converter. This function is
enabled when the analog input enable register specifies A/D.
41 to 44
43 to 46
P64 to P67
E
General I/O port. The function is enabled when the analog
input enable register specifies a port.
AN4 to AN7
Analog input pins for the 8/10-bit A/D converter. This function is
enabled when the analog input enable register specifies A/D.
45
47
P56
D
General I/O port. This function is always enabled.
TIN0
Event input pin for the 16-bit reload timers 0. Set the
corresponding Port Direction Register to input if this function is
used.


Similar Part No. - MB90F548GLS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F548GLSPF CYPRESS-MB90F548GLSPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90F548GLSPMC CYPRESS-MB90F548GLSPMC Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90F548GLS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com