Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS-BGA352A-01 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SS-BGA352A-01
Description  Minimum real estate required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA352A-01 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SS-BGA352A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA352A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA352A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA352A-01 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA352A-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
50.60mm
57.23mm [2.253"]
Orientation Mark
Socket Size
42.725mm±0.125mm
1.27mm typ.
Non plated Mounting Hole
Ø 1.61mm±0.05mm (x4)
37.725mm Sqr.
Ø 0.850mm-
0.000mm
0.025mm
(x2)
40.600mm±0.125mm
2.09mm
5.08mm
6.33mm±0.13mm
7.58mm±0.13mm
30.105mm
42.725mm±0.125mm Sqr.
2.50mm±0.13mm
1.25mm±0.13mm
3.36mm*
Backing Plate Size
31.75mm (x4)
Non plated Alignment Hole
Socket lid size
18.86mm(x8)
Socket lid size
Ø 0.635mm PAD (x352)
PAGE 2 of 5
Recommended PCB Layout Tolerances:
±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
*Note: BGA pattern is not
symmetrical with respect to
the mounting holes.
DXF DATA WILL BE PROVIDED
Datum
Target PCB Recommendations
Total thickness: 1.5mm min.
Plating: Gold or Solder finish
Status: Released
Drawing: J. Glab
Scale: 2:1
Rev: A
Date: 2/13/08
Modified:
File: SS-BGA352A-01 Dwg
SS-BGA352A-01 Drawing
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - SS-BGA352A-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
More results

Similar Description - SS-BGA352A-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com