Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WB50NBT Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # WB50NBT
Description  Input Low-Level Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

WB50NBT Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  WB50NBT Datasheet HTML 1Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 2Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 3Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 4Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 5Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 6Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 7Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 8Page - Laird Tech Smart Technology WB50NBT Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
WB50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wi-fi
2
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0600
REVISION HISTORY
Version
Date
Notes
Approver
1.0
07 April 2015
Initial Release
Chris Cole
1.1
07 April 2015
Added Current Consumption data
Chris Cole
1.2
02 May 2015
Fixed BT chip data in specs table
Jay White
1.3
08 July 2016
Updated mechanical drawing with pin indicators (pin 1 and
pin 120)
Changed from HIG to Datasheet
Chris Cole
1.4
01 Sept 2016
Adding Declaration of Conformity
Added numbered headings
Sue White
1.5
03 Nov 2016
Updated Tx power numbers to the following:
802.11a (UNII-1, UNII-2A, UNII-2C) or CH 36 – CH140
6 Mbps
17 dBm (50.1 mW)
54 Mbps
14 dBm (25.1 mW)
802.11a (UNII-3) or CH 148 – CH 165
6 Mbps
15 dBm (31.6 mW)
54 Mbps
14 dBm (25.1 mW)
802.11n (5 GHz) (UNII-1, UNII-2A, UNII-2C) or CH 36 –
CH140
6.5 Mbps (MCS0; HT20)
17 dBm (50.1 mW)
65 Mbps (MCS7;HT20)
13 dBm (20 mW)
(MCS0; HT40)
14 dBm (25.1 mW)
(MCS7; HT40)
11 dBm (12.5 mW)
802.11n (5 GHz) (UNII-3) or CH 148 – CH 165
6.5 Mbps (MCS0; HT20)
15 dBm (31.6 mW)
65 Mbps (MCS7;HT20)
12 dBm (15.8 mW)
(MCS0; HT40)
14 dBm (25.1 mW)
(MCS7; HT40)
11 dBm (12.5 mW)
Andrew Chen
1.6
09 Dec 2016
Removed Preliminary references
Jay White


Similar Part No. - WB50NBT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB5-1TL COILCRAFT-WB5-1TL Datasheet
270Kb / 2P
   Wideband Transformers
WB5-1TL COILCRAFT-WB5-1TL Datasheet
212Kb / 5P
   Wideband Transformers
WB5-1TL COILCRAFT-WB5-1TL Datasheet
212Kb / 5P
   Wideband Transformers
WB5-1TL COILCRAFT-WB5-1TL Datasheet
616Kb / 5P
   Wideband Transformers
WB5-1TSL COILCRAFT-WB5-1TSL Datasheet
270Kb / 2P
   Wideband Transformers
More results

Similar Description - WB50NBT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B21 AD-7B21 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
7B21 AD-7B21_15 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
logo
Nexperia B.V. All right...
74AUP1T08 NEXPERIA-74AUP1T08 Datasheet
202Kb / 15P
   Low-power 2-input AND gate with voltage-level translator
74AUP1T00 NEXPERIA-74AUP1T00 Datasheet
202Kb / 15P
   Low-power 2-input NAND gate with voltage-level translator
74AUP1T02 NEXPERIA-74AUP1T02 Datasheet
233Kb / 13P
   Low-power 2-input NOR gate with voltage-level translator
Rev. 3 - 22 February 2022
74AUP1T32 NEXPERIA-74AUP1T32 Datasheet
202Kb / 15P
   Low-power 2-input OR-gate with voltage-level translator
74AUP1T08-Q100 NEXPERIA-74AUP1T08-Q100 Datasheet
220Kb / 13P
   Low-power 2-input AND gate with voltage-level translator
Rev. 2 - 25 January 2022
logo
CML Microcircuits
DB102 CMLMICRO-DB102 Datasheet
175Kb / 11P
   Low Signal Level Input of 10mVrms
logo
Nexperia B.V. All right...
74AUP1T86 NEXPERIA-74AUP1T86 Datasheet
236Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate with voltage-level translator
Rev. 3 - 26 January 2022
74AUP1T87 NEXPERIA-74AUP1T87 Datasheet
234Kb / 13P
   Low-power 2-input EXCLUSIVE-NOR gate with voltage-level translator
Rev. 3 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com