Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9248-136 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9248-136
Description  Frequency Generator & Integrated Buffers for K7 Processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-136 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9248-136 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-136 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-136 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-136 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-136 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-136 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-136 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-136 Datasheet HTML 14Page - Integrated Circuit Systems ICS9248-136 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
ICS9248-136
Advance Information
Third party brands and names are the property of their respective owners.
Fig. 1
Shared Pin Operation -
Input/Output Pins
The I/O pins designated by (input/output) on the ICS9248-
136 serve as dual signal functions to the device. During initial
power-up, they act as input pins. The logic level (voltage)
that is present on these pins at this time is read and stored
into a 5-bit internal data latch. At the end of Power-On reset,
(see AC characteristics for timing values), the device changes
the mode of operations for these pins to an output function.
In this mode the pins produce the specified buffered clocks
to external loads.
To program (load) the internal configuration register for these
pins, a resistor is connected to either the VDD (logic 1) power
supply or the GND (logic 0) voltage potential. A 10 Kilohm
(10K) resistor is used to provide both the solid CMOS
programming voltage needed during the power-up
programming period and to provide an insignificant load on
the output clock during the subsequent operating period.
Via to
VDD
Clock trace to load
Series Term. Res.
Programming
Header
Via to Gnd
Device
Pad
2K
W
8.2K
W
Figure 1 shows a means of implementing this function when
a switch or 2 pin header is used. With no jumper is installed
the pin will be pulled high. With the jumper in place the pin
will be pulled low. If programmability is not necessary, than
only a single resistor is necessary. The programming resistors
should be located close to the series termination resistor to
minimize the current loop area. It is more important to locate
the series termination resistor close to the driver than the
programming resistor.


Similar Part No. - ICS9248-136

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9248-135 ICST-ICS9248-135 Datasheet
191Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
logo
Renesas Technology Corp
ICS9248-138 RENESAS-ICS9248-138 Datasheet
344Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III TM
2019
More results

Similar Description - ICS9248-136

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94209 ICST-ICS94209 Datasheet
217Kb / 19P
   Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
ICS951901 ICST-ICS951901 Datasheet
180Kb / 19P
   Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Circuit Syst...
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
   Frequency Generator & Integrated Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com