Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C37 Datasheet(PDF) 1 Page - Harris Corporation

Part # HS-82C37
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HS-82C37 Datasheet(HTML) 1 Page - Harris Corporation

  HS-82C37 Datasheet HTML 1Page - Harris Corporation HS-82C37 Datasheet HTML 2Page - Harris Corporation HS-82C37 Datasheet HTML 3Page - Harris Corporation HS-82C37 Datasheet HTML 4Page - Harris Corporation HS-82C37 Datasheet HTML 5Page - Harris Corporation HS-82C37 Datasheet HTML 6Page - Harris Corporation HS-82C37 Datasheet HTML 7Page - Harris Corporation HS-82C37 Datasheet HTML 8Page - Harris Corporation HS-82C37 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1995
1
SEMICONDUCT OR
HS-82C37ARH
Radiation Hardened CMOS High
Performance Programmable DMA Controller
Description
The Harris HS-82C37ARH is an enhanced, radiation
hardened CMOS version of the industry standard 8237A
Direct Memory Access (DMA) controller, fabricated using the
Harris hardened field, self-aligned silicon gate CMOS
process. The HS-82C37ARH offers increased functionality,
improved performance, and dramatically reduced power
consumption for the radiation environment. The high speed,
radiation hardness, and industry standard configuration of
the HS-82C37ARH make it compatible with radiation
hardened microprocessors such as the HS-80C85RH and
the HS-80C86RH.
The HS-82C37ARH can improve system performance by
allowing external devices to transfer data directly to or from
system memory. Memory-to-memory transfer capability is
also provided, along with a memory block initialization
feature. DMA requests may be generated by either
hardware or software, and each channel is independently
programmable with a variety of features for flexible
operation.
Static CMOS circuit design insures low operating power and
allows gated clock operation for an even further reduction of
power. Multimode programmability allows the user to select
from three basic types of DMA services, and reconfiguration
under program control is possible even with the clock to the
controller stopped. Each channel has a full 64K address and
word count range, and may be programmed to autoinitialize
these registers following DMA termination (end of process).
The Harris hardened field CMOS process results in
performance equal to or greater than existing radiation resis-
tant products at a fraction of the power.
Features
• Radiation Hardened
- Total Dose >105 RAD (Si)
- Transient Upset > 108 RAD (Si)/s
- Latch Up Free EPI-CMOS
• Low Power Consumption
- IDDSB = 50
µA Maximum
- IDDOP = 4.0mA/MHz Maximum
• Pin Compatible with NMOS 8237A and the Harris
82C37A
• High Speed Data Transfers Up To 2.5 MBPS With 5MHz
Clock
• Four Independent Maskable Channels With Autoinitializa-
tion Capability
• Expandable to Any Number of Channels
• Memory-to-Memory Transfer Capability
• CMOS Compatible
• Hardened Field, Self-Aligned, Junction Isolated CMOS
Process
• Single 5V Supply
• Military Temperature Range -55oC to +125oC
August 1995
Spec Number
518058
File Number
3042.1
Ordering Information
PART NUMBER
TEMPERATURE RANGE
PACKAGE
HS1-82C37ARH-Q
-55oC to +125oC
40 Lead SBDIP
HS1-82C37ARH-8
-55oC to +125oC
40 Lead SBDIP
HS1-82C37ARH-Sample
+25oC
40 Lead SBDIP
HS9-82C37ARH-Q
-55oC to +125oC
42 Lead Ceramic Flatpack
HS9-82C37ARH-8
-55oC to +125oC
42 Lead Ceramic Flatpack
HS9-82C37ARH/Sample
+25oC
42 Lead Ceramic Flatpack


Similar Part No. - HS-82C37

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
More results

Similar Description - HS-82C37

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com