Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F546G Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F546G
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F546G Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F546G Datasheet HTML 1Page - Fujitsu Component Limited. MB90F546G Datasheet HTML 2Page - Fujitsu Component Limited. MB90F546G Datasheet HTML 3Page - Fujitsu Component Limited. MB90F546G Datasheet HTML 4Page - Fujitsu Component Limited. MB90F546G Datasheet HTML 5Page - Fujitsu Component Limited. MB90F546G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F546G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F546G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F546G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
DS07-13703-5E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90540/G/545/G Series
MB90F543/F549/V540
MB90F543G(S)/F546G(S)/F548G(S)/F549G(S)/549G(S)/V540G
MB90543G(S)/547G(S)/548G(S)/F548GL(S)
s
s
s
s DESCRIPTION
The MB90540/545 series with FULL-CAN*1 and FLASH ROM is specially designed for automotive and industrial
applications. Its main features are two on board CAN Interfaces (one for MB90V545 series) , which conform to
V2.0 Part A and Part B, supporting very flexible message buffer scheme and so offering more functions than a
normal full CAN approach. The instruction set by F2MC-16LX CPU core inherits an AT architecture of the F2MC*2
family with additional instruction sets for high-level languages, extended addressing mode, enhanced multiplica-
tion/division instructions, and enhanced bit manipulation instructions.The micro controller has a 32-bit accumulator
for processing long word data.The MB90540/545 series has peripheral resources of 8/10-bit A/D converters,
UART (SCI) , extended I/O serial interfaces, 8/16-bit timer, I/O timer (input capture (ICU) , output compare (OCU) ) .
*1 : Controller Area Network (CAN) -License of Robert Bosch GmbH.
*2 : F2MC stands for FUJITSU Flexible Microcontroller.
s
s
s
s FEATURES
•Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from : divided-by-2 of oscillation or one to four times the oscillation
Minimum instruction execution time : 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock)
Subsystem Clock : 32 kHz
(Continued)
s
s
s
s PACKAGES
(Continued)
100-pin Plastic QFP
100-pin Plastic LQFP
(FPT-100P-M06)
(FPT-100P-M05)


Similar Part No. - MB90F546G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F546GPF CYPRESS-MB90F546GPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90F546GPMC CYPRESS-MB90F546GPMC Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90F546GSPF CYPRESS-MB90F546GSPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB90F546GSPMC CYPRESS-MB90F546GSPMC Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90F546G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com