Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8573EUT Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8573EUT
Description  High-Efficiency LCD Boost with True Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8573EUT Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8573EUT Datasheet HTML 2Page - Maxim Integrated Products MAX8573EUT Datasheet HTML 3Page - Maxim Integrated Products MAX8573EUT Datasheet HTML 4Page - Maxim Integrated Products MAX8573EUT Datasheet HTML 5Page - Maxim Integrated Products MAX8573EUT Datasheet HTML 6Page - Maxim Integrated Products MAX8573EUT Datasheet HTML 7Page - Maxim Integrated Products MAX8573EUT Datasheet HTML 8Page - Maxim Integrated Products MAX8573EUT Datasheet HTML 9Page - Maxim Integrated Products MAX8573EUT Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
High-Efficiency LCD Boost
with True Shutdown
8
_______________________________________________________________________________________
Design Procedure
Inductor Selection
Smaller inductance values typically offer smaller physi-
cal size for a given series resistance or saturation cur-
rent. Circuits using larger inductance values may
provide more output power. The inductor’s saturation
current rating should be greater than the peak switch-
ing current. Recommended inductor values range from
10µH to 100µH.
Selecting the Current Limit
The peak LX current limit (ILX(MAX)) required for the
application is calculated from the following equation:
where POUT(MAX) is the maximum output power
required by the load and VBATT(MIN) is the minimum
supply voltage used to supply the inductor (this is VCC
unless a separate supply is used for the inductor). The
IC current limit must be greater than this calculated
value. See the Selector Guide on page 1 for selecting
the IC with the correct current limit.
Diode Selection
The high switching frequency of up to 800kHz requires
a high-speed rectifier. Schottky diodes are recom-
mended due to their low forward-voltage drop. To
maintain high efficiency, the average current rating of
the diode should be greater than the peak switching
current. Choose a reverse breakdown voltage greater
than the output voltage.
Capacitors
Small ceramic surface-mount capacitors with X7R or
X5R temperature characteristics are recommended
due to their small size, low cost, low equivalent series
resistance (ESR), and low equivalent series inductance
(ESL). If nonceramic capacitors are used, it is important
that they have low ESR to reduce the output ripple volt-
age and peak-peak load-transient voltage.
For most applications, use a 1µF ceramic capacitor for
the output and VCC bypass capacitors. For SW or the
inductor supply, a 4.7µF or greater ceramic capacitor
is recommended.
I
P
V
P
V
s
P
L
LX MAX
OUT MAX
BATT MIN
OUT MAX
BATT MIN
OUT MAX
()
()
()
()
()
()
..
×+
×
 +µ ×
125
1 25
3
2
COMMON APPLICATION FAULTS
RESULT WITH COMPETING
STEP-UP CONVERTERS
RESULT WITH MAX8570 FAMILY
OUT to FB resistor missing or
disconnected.
OUT voltage rises until the output
capacitor is destroyed and/or
downstream components are damaged.
Converter stops switching.
Output cap missing and FB floating.
OUT voltage rises until the output
capacitor is destroyed and/or
downstream components are damaged.
LX may boost one or two times before the FB
voltage exceeds the trip point. In the rare case
where the capacitive loading and external
loading on OUT is small enough that the energy
in one cycle can slew it more than 50V, the
internal MOSFET will clamp between 35V and
70V (nondestructively).
FB shorted to GND.
OUT voltage rises until the output
capacitor is destroyed and/or
downstream components are damaged.
Converter stops switching and OUT is resistively
loaded to GND.
Diode missing or disconnected.
Diode reverse polarity.
Inductor energy forces LX node high,
possibly damaging the internal switch.
OUT is resistively loaded to GND and the
converter stops switching.
FB node floating.
Unpredictable, possibly boosting output
voltage beyond acceptable design
range.
FB node driven above its regulation point, the
converter stops switching, and OUT is resistively
loaded to GND.
OUT shorted to ground.
Current ramps up through inductor and
diode, generally destroying one of the
devices.
True off-switch detects short, opens when
current reaches pMOS current limit, and restarts
soft-start. This protects the inductor and diode.
Table 1. Protection Features


Similar Part No. - MAX8573EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8573EUT+T MAXIM-MAX8573EUT+T Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8573EUT+T MAXIM-MAX8573EUT+T Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
More results

Similar Description - MAX8573EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX17220 MAXIM-MAX17220_V01 Datasheet
946Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com