Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F897PMT Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90F897PMT
Description  16-bit Proprietary Microcontroller
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F897PMT Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90F897PMT Datasheet HTML 3Page - Fujitsu Component Limited. MB90F897PMT Datasheet HTML 4Page - Fujitsu Component Limited. MB90F897PMT Datasheet HTML 5Page - Fujitsu Component Limited. MB90F897PMT Datasheet HTML 6Page - Fujitsu Component Limited. MB90F897PMT Datasheet HTML 7Page - Fujitsu Component Limited. MB90F897PMT Datasheet HTML 8Page - Fujitsu Component Limited. MB90F897PMT Datasheet HTML 9Page - Fujitsu Component Limited. MB90F897PMT Datasheet HTML 10Page - Fujitsu Component Limited. MB90F897PMT Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
MB90895 Series
7
(Continued)
* : MB90F897
: X1A, X0A
MB90F897S : P36, P35
Pin No.
Pin name
Circuit
type
Function
33 to 36
P14 to P17
G
General-purpose input/output ports. High-current output ports.
PPG0 to PPG3
Functions as output pin of PPG timers 01 and 23. Valid when output
setting is “enabled.”
37
P40
D
General-purpose input/output port.
SIN1
Serial data input pin for UART1. Use the pin by setting as input port.
38
P41
D
General-purpose input/output port.
SCK1
Serial clock input pin for UART1. Valid only when serial clock input/output
setting on UART1 is “enabled.”
39
P42
D
General-purpose input/output port.
SOT1
Serial data input pin for UART1. Valid only when serial data input/output
setting on UART1 is “enabled.”
40
P43
D
General-purpose input/output port.
TX
Transmission output pin for CAN. Valid only when output setting is
“enabled.”
41
P44
D
General-purpose input/output port.
RX
Transmission output pin for CAN. Valid only when output setting is
“enabled.”
42
P30
D
General-purpose input/output port.
SOT0
Serial data output pin for UART0. Valid only when serial data output setting
on UART0 is “enabled.”
43
P31
D
General-purpose input/output port.
SCK0
Serial clock input pin for UART0. Valid only when serial clock input/output
setting on UART0 is “enabled.”
44
P32
H
General-purpose input/output port.
SIN0
Serial data input pin for UART0. Valid only when output setting is
“enabled.”
45
P33
D
General-purpose input/output port.
46
X0A*
A
Pin for low-rate oscillation.
P35*
General-purpose input/output port.
47
X1A*
A
Pin for low-rate oscillation.
P36*
General-purpose input/output port.
48
AVss
Vss power source input pin for A/D converter.


Similar Part No. - MB90F897PMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F897PMT FUJITSU-MB90F897PMT Datasheet
312Kb / 52P
   16-bit Proprietary Microcontroller
MB90F897PMT FUJITSU-MB90F897PMT Datasheet
312Kb / 52P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F897PMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com