Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA3157P6X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSA3157P6X
Description  TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3157P6X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSA3157P6X Datasheet HTML 2Page - Fairchild Semiconductor FSA3157P6X Datasheet HTML 3Page - Fairchild Semiconductor FSA3157P6X Datasheet HTML 4Page - Fairchild Semiconductor FSA3157P6X Datasheet HTML 5Page - Fairchild Semiconductor FSA3157P6X Datasheet HTML 6Page - Fairchild Semiconductor FSA3157P6X Datasheet HTML 7Page - Fairchild Semiconductor FSA3157P6X Datasheet HTML 8Page - Fairchild Semiconductor FSA3157P6X Datasheet HTML 9Page - Fairchild Semiconductor FSA3157P6X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
6-Lead MicroPak, 1.0mm Wide
Package Number MAC06A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - FSA3157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157P6X FAIRCHILD-FSA3157P6X Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
FSA3157P6X FAIRCHILD-FSA3157P6X Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
FSA3157P6X ONSEMI-FSA3157P6X Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3157P6X-NL FAIRCHILD-FSA3157P6X-NL Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
More results

Similar Description - FSA3157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
NC7SB3157 FAIRCHILD-NC7SB3157 Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
NC7SB3257 FAIRCHILD-NC7SB3257 Datasheet
138Kb / 7P
   TinyLogic. UHS Single 2-to-1 Multiplexer/Demultiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
logo
ON Semiconductor
NC7SB3157 ONSEMI-NC7SB3157 Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com