Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVK-BTM511 Datasheet(PDF) 11 Page - Laird Tech Smart Technology

Part # DVK-BTM511
Description  modules designed for adding robust audio and voice capabilities
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DVK-BTM511 Datasheet(HTML) 11 Page - Laird Tech Smart Technology

Back Button DVK-BTM511 Datasheet HTML 7Page - Laird Tech Smart Technology DVK-BTM511 Datasheet HTML 8Page - Laird Tech Smart Technology DVK-BTM511 Datasheet HTML 9Page - Laird Tech Smart Technology DVK-BTM511 Datasheet HTML 10Page - Laird Tech Smart Technology DVK-BTM511 Datasheet HTML 11Page - Laird Tech Smart Technology DVK-BTM511 Datasheet HTML 12Page - Laird Tech Smart Technology DVK-BTM511 Datasheet HTML 13Page - Laird Tech Smart Technology DVK-BTM511 Datasheet HTML 14Page - Laird Tech Smart Technology DVK-BTM511 Datasheet HTML 15Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
11
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
The input impedance on the microphone inputs (in microphone mode) is typically 6kΩ. The audio input is
designed for use with inputs of between 1 μA and 10 μA at 94 dB SPL. If the biasing resistors are set to 1 kΩ, this
implies a microphone with sensitivity in the range -40 dBV to -60 dBV.
2.5.1 Speaker Output
The speaker output is capable of driving loads with a minimum impedance of 16Ω directly.
3 FCC REGULATORY STATEMENTS
3.1
BTM510 FCC and Industry Canada Statements
The Final Equipment user manual must show the following statements:
This device complies with part 15 of the FCC Rules. Operation is subject to the following two conditions: (1) This
device may not cause harmful interference, and (2) this device must accept any interference received, including
interference that may cause undesired operation.
Changes or modifications not expressly approved by the party responsible for compliance could void the user’s
authority to operate the equipment.
To comply with the FCC RF exposure compliance requirements, this device and its antenna must not be co-
located or operating to conjunction with any other antenna or transmitter.
3.1.1 Considerations for OEM integration:
This module has a limited modular approval. Approval with any other antenna configuration or layout other
than that approved will necessitate additional radiated emission testing to be performed.
To inherit the modular approval, the antennas for this transmitter must be installed to provide a separation
distance of at least 20 cm from all persons and must not be co-located or operating in conjunction with any
other antenna or transmitter.
This module was approved with the following antenna:
RF Solutions: ANT-24G-WHJ-SMA 0 dBi
Operation of this module with any other antenna will require additional testing to be performed.
Co-location with other radio transmitting devices operating concurrently in the same band will require
additional testing and certification.
Designers should note the distinction that the FCC makes regarding portable and mobile devices. Mobile devices
are defined as products that are not used closer than 20cm to the human body, whereas portable devices can be
used closer that 20cm to the body. A device may be used in portable exposure conditions with no restrictions on
host platforms when the averaged output power is less than the low power threshold for an uncontrolled
environment ≤ 60/f (GHz) i.e. 25 mW for a 2.4 Ghz device. The Maximum Power Exposure for the BTM510 has
been evaluated and found to comply with the low power threshold for an uncontrolled environment.
Refer to FCC document KDB 447498 for more information on RF exposure procedures and equipment
authorization policies for mobile and portable devices.
3.1.2 FCC Labelling Requirement
If the FCC ID is not visible when the module is installed inside another device, then the outside of the device into
which the module is installed must also display a label referring to the enclosed module. This exterior label can


Similar Part No. - DVK-BTM511

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DVK-BTM410 LSTD-DVK-BTM410 Datasheet
1Mb / 25P
   modules from Laird are designed to meet the needs of developers who wish to add robust
DVK-BTM411 LSTD-DVK-BTM411 Datasheet
1Mb / 25P
   modules from Laird are designed to meet the needs of developers who wish to add robust
DVK-BTM430 LSTD-DVK-BTM430 Datasheet
1Mb / 25P
   modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
DVK-BTM431 LSTD-DVK-BTM431 Datasheet
1Mb / 25P
   modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
DVK-BTM440 LSTD-DVK-BTM440 Datasheet
1Mb / 28P
   modules from Laird Technologies have been designed to meet the needs of developers
More results

Similar Description - DVK-BTM511

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AK7719 AKM-AK7719 Datasheet
335Kb / 16P
   Low Power DSP for Voice and Audio Processing
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
   Voice-Band Audio CODEC for CDMA
logo
PUI audio inc.
AR01232MS-SC12-WP-R PUIAUDIO-AR01232MS-SC12-WP-R Datasheet
698Kb / 6P
   Custom-molded poly cone designed for voice articulation
AR01532MS-SC15-WP-R PUIAUDIO-AR01532MS-SC15-WP-R Datasheet
755Kb / 6P
   Custom-molded poly cone designed for voice articulation
logo
Generalplus Technology ...
GPD2856A GENERALPLUS-GPD2856A Datasheet
663Kb / 14P
   The GPD2856A is a chip designed for MP3 players with FM radio and LineIn capabilities.
logo
List of Unclassifed Man...
LF9306 ETC1-LF9306 Datasheet
70Kb / 1P
   VOICE IP MAGNETICS MODULES
logo
Texas Instruments
TLV320ADC3100 TI1-TLV320ADC3100 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo ADC for Voice-Activated Systems and Portable Audio
logo
List of Unclassifed Man...
LF9411 ETC-LF9411 Datasheet
95Kb / 1P
   VOICE IP MAGNETICS MODULES
logo
Texas Instruments
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com