Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAF94190 Datasheet(PDF) 10 Page - Laird Tech Smart Technology

Part # MAF94190
Description  Dual-Mode UART HCI Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MAF94190 Datasheet(HTML) 10 Page - Laird Tech Smart Technology

Back Button MAF94190 Datasheet HTML 6Page - Laird Tech Smart Technology MAF94190 Datasheet HTML 7Page - Laird Tech Smart Technology MAF94190 Datasheet HTML 8Page - Laird Tech Smart Technology MAF94190 Datasheet HTML 9Page - Laird Tech Smart Technology MAF94190 Datasheet HTML 10Page - Laird Tech Smart Technology MAF94190 Datasheet HTML 11Page - Laird Tech Smart Technology MAF94190 Datasheet HTML 12Page - Laird Tech Smart Technology MAF94190 Datasheet HTML 13Page - Laird Tech Smart Technology MAF94190 Datasheet HTML 14Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
10
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Note 1:
The purpose of the SPI interface is to access the module’s inner settings such as selecting different
WLAN CO-EXIST scheme. The SPI interface can also be used to put the module in RF test mode. You
cannot use the module over the SPI interface for normal operation as the main host interface.
DC ELECTRICAL CHARACTERISTIC
Table 3: Absolute maximum ratings
Rating
Min
Max
Unit
Storage temperature
-40
+85
⁰C
VREG_IN_HV
2.3
4.8
V
VREG_OUT_HV
1.7
2.0
V
VDD_PADS
-0.4
3.6
V
Other terminal voltages
-0.4
VDD_PADS + 0.4 V
V
Table 4: Recommended operating conditions
Rating
Min
Max
Unit
Operating temperature
-30
+85
⁰C
VREG_IN_HV
3.0
3.6
V
VREG_OUT_HV
1.75
1.95
V
VDD_PADS
1.75
3.6
V
VREG_EN_RST#
VDD_PADS
VDD_PADS
V
Table 5: High-voltage Linear Regulator
Normal Operation
Min
Typ
Max
Unit
Input voltage (VREG_IN_HV)
3.0
3.3
3.6
V
Output voltage (VREG_OUT_HV)
1.75
1.85
1.95
V
Temperature coefficient
-200
-
200
ppm/⁰C
Output noise
(frequency range 100Hz to100kHz)
-
-
0.4
mV rms
Settling time (settling time
within 10% of final value)
-
-
5
µs
Output current
-
-
100
mA


Similar Part No. - MAF94190

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MAF94110 LSTD-MAF94110 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
More results

Similar Description - MAF94190

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BT800 LSTD-BT800 Datasheet
2Mb / 39P
   Dual-Mode USB HCI Module
BT850 LSTD-BT850 Datasheet
2Mb / 34P
   Bluetooth v5 Dual-Mode USB HCI Module
logo
List of Unclassifed Man...
WT21 ETC2-WT21_13 Datasheet
1Mb / 57P
   BLUETOOTH HCI MODULE
logo
Panasonic Semiconductor
PAN1315 PANASONIC-PAN1315 Datasheet
639Kb / 2P
   BLUETOOTH HCI MODULE
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
   Bluetooth짰 HCI Module
logo
Motorola, Inc
MCF5307TR MOTOROLA-MCF5307TR Datasheet
53Kb / 16P
   UART MODULE
logo
Panasonic Semiconductor
PAN1310-HCI-2.1 PANASONIC-PAN1310-HCI-2.1 Datasheet
358Kb / 2P
   Bluetooth V2.1 HCI Module
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com