Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTM440 Datasheet(PDF) 10 Page - Laird Tech Smart Technology

Part # BTM440
Description  modules from Laird Technologies have been designed to meet the needs of developers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM440 Datasheet(HTML) 10 Page - Laird Tech Smart Technology

Back Button BTM440 Datasheet HTML 6Page - Laird Tech Smart Technology BTM440 Datasheet HTML 7Page - Laird Tech Smart Technology BTM440 Datasheet HTML 8Page - Laird Tech Smart Technology BTM440 Datasheet HTML 9Page - Laird Tech Smart Technology BTM440 Datasheet HTML 10Page - Laird Tech Smart Technology BTM440 Datasheet HTML 11Page - Laird Tech Smart Technology BTM440 Datasheet HTML 12Page - Laird Tech Smart Technology BTM440 Datasheet HTML 13Page - Laird Tech Smart Technology BTM440 Datasheet HTML 14Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
BTM44x
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
10
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
I/O Details
Table 7: I/O Details
Categories
Feature
Implementation
Command
Interface
AT Instructions set
Comprehensive control of connection
and module operation
S Registers for non-volatile storage of parameters
UART Interface
Baud Rate
AT Mode Default Baud Rate: 9600 bps
MP Mode Default Baud Rate: 115,200 bps
Supply Voltage
Supply
3.0V – 3.3V DC
I/O
1.7V – 3.3V DC (independent of Supply)
USB & UART
1.7V – 3.6V DC (independent of Supply)
Coexistence /
Compatibility
WLAN (802.11)
2-wire and 3-wire hardware coexistence
schemes supported
Connections
Interface
Surface Mount Pads
External Antenna (BTM440/2)
Pad for 50 Ohm antenna
Approvals
Bluetooth
Qualified as an END product
FCC
Limited Modular Approval (BTM440/2)
Full Modular Approval (BTM441/3)
Industry Canada (IC)
Limited Modular Approval (BTM440/2)
Full Modular Approval (BTM441/3)
CE & R&TTE
Meets CE and R&TTE requirements
Miscellaneous
Lead free
Lead-free and RoHS compliant
Warranty
1-Year Warranty
Development
Tools
Development Kit
Development board and software tools DVK-BTM440/2
Dev Kit with BTM440/2 module fitted
DVK-BTM441/3 Dev Kit with BTM441/3 module fitted


Similar Part No. - BTM440

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BTM44X-RF LSTD-BTM44X-RF Datasheet
540Kb / 5P
   The BTM44x Enhanced Data module consists of a frequency-hopping
More results

Similar Description - BTM440

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BTM430 LSTD-BTM430 Datasheet
1Mb / 25P
   modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
   modules from Laird are designed to meet the needs of developers who wish to add robust
logo
International Rectifier
8EQ045 IRF-8EQ045 Datasheet
73Kb / 4P
   The 8EQ045 Schottky rectifier has been expressly designed to meet the rigorous requirements of hi -rel environments
logo
EHAOAN.
HS0038B-A EHAOAN-HS0038B-A Datasheet
1Mb / 8P
   Modules have been implemented using resin molds.
logo
JMK Inc.
0916 JMK-0916 Datasheet
45Kb / 1P
   This series of filters has been designed to meet tempest and other requirements
logo
International Rectifier
12CLQ150 IRF-12CLQ150 Datasheet
76Kb / 4P
   The 12CLQ150 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hi-rel environments.
logo
Laird Tech Smart Techno...
AKIT-GPSS746MP-001 LSTD-AKIT-GPSS746MP-001 Datasheet
878Kb / 2P
   The Laird Technologies Multi-band Survivor
logo
List of Unclassifed Man...
FS-B3510-01 ETC-FS-B3510-01 Datasheet
91Kb / 1P
   The FS-B3510 is one of the FS-X30 Series FieldServers designed to meet the needs of system integrators in designing a complete interoperable system.
logo
Laird Tech Smart Techno...
BT730 LSTD-BT730 Datasheet
1Mb / 31P
   module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com