Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7502MUA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7502MUA
Description  Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7502MUA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7502MUA Datasheet HTML 1Page - Maxim Integrated Products MAX7502MUA Datasheet HTML 2Page - Maxim Integrated Products MAX7502MUA Datasheet HTML 3Page - Maxim Integrated Products MAX7502MUA Datasheet HTML 4Page - Maxim Integrated Products MAX7502MUA Datasheet HTML 5Page - Maxim Integrated Products MAX7502MUA Datasheet HTML 6Page - Maxim Integrated Products MAX7502MUA Datasheet HTML 7Page - Maxim Integrated Products MAX7502MUA Datasheet HTML 8Page - Maxim Integrated Products MAX7502MUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Digital Temperature Sensors and Thermal
Watchdog with Bus Lockup Protection
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
95
65
35
5
-25
240
250
260
270
280
290
300
230
-55
125
+VS = +5V
+VS = +3V
1
2
3
4
5
6
0
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
95
65
35
5
-25
-55
125
+VS = +5V
+VS = +3V
ACCURACY vs. TEMPERATURE
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
TEMPERATURE (
°C)
95
65
35
5
-25
-55
125
4 TYPICAL PARTS
Pin Description
PIN
MAX7500
MAX7501
MAX7502
NAME
FUNCTION
1
1
SDA
Serial Data Input/Output Line. Open drain. Connect SDA to a pullup resistor.
2
2
SCL
Serial Data Clock Input. Open drain. Connect SCL to a pullup resistor.
3
3
OS
Over-Temperature Shutdown Output. Open drain. Connect OS to a pullup resistor.
4
4
GND
Ground
5
A2
2-Wire Interface Address Input. Connect A2 to GND or +VS to set the desired I
2C bus
address. Do not leave floating. (See Table 1.)
5
RESET
Active-Low Reset Input. Pull RESET low for longer than the minimum reset pulse width
to reset the I
2C bus and all internal registers to their POR values.
66
A1
2-Wire Interface Address Input. Connect A1 to GND or +VS to set the desired I
2C bus
address. Do not leave floating. (See Table 1.)
77
A0
2-Wire Interface Address Input. Connect A0 to GND or +VS to set the desired I
2C bus
address. Do not leave floating. (See Table 1.)
88
+VS
Positive Supply Voltage Input. Bypass to GND with a 0.1µF bypass capacitor.
Detailed Description
The MAX7500/MAX7501/MAX7502 temperature sen-
sors measure temperature, convert the data into digital
form using a sigma-delta ADC, and communicate the
conversion results through an I2C-compatible 2-wire
serial interface. These devices accept standard I2C
commands to read the data, set the over-temperature
alarm (OS) trip thresholds, and configure other charac-
teristics. The MAX7500 features three address select
lines (A0, A1, A2) while the MAX7501 and MAX7502
feature two address select lines (A0, A1) and a RESET
input. The MAX7500/MAX7501/MAX7502 operate from
+3.0V to +5.5V supply voltages of and consume 250µA
of supply current.


Similar Part No. - MAX7502MUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
   MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
MAX750A MAXIM-MAX750A Datasheet
206Kb / 16P
   Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
MAX750A-MAX758A MAXIM-MAX750A-MAX758A Datasheet
206Kb / 16P
   Adjustable, Step-Down, Current-Mode PWM Regulators
Rev 0; 10/93
More results

Similar Description - MAX7502MUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com