Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91154 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB91154
Description  32-bit Proprietary Microcontrollers
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91154 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB91154 Datasheet HTML 1Page - Fujitsu Component Limited. MB91154 Datasheet HTML 2Page - Fujitsu Component Limited. MB91154 Datasheet HTML 3Page - Fujitsu Component Limited. MB91154 Datasheet HTML 4Page - Fujitsu Component Limited. MB91154 Datasheet HTML 5Page - Fujitsu Component Limited. MB91154 Datasheet HTML 6Page - Fujitsu Component Limited. MB91154 Datasheet HTML 7Page - Fujitsu Component Limited. MB91154 Datasheet HTML 8Page - Fujitsu Component Limited. MB91154 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
DS07-16306-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
32-bit Proprietary Microcontrollers
CMOS
FR30 Family
MB91150 Series
MB91F155A/MB91155/MB91154
s
s
s
s DESCRIPTION
The MB91F155A/MB91155/MB91154 is a single-chip microcontroller using a RISC-CPU (FR 30 series) as its
core. It contains peripheral I/O resources suitable for audio, MD and so on which are required to operate at low
power consumption.
s
s
s
s FEATURES
1.
CPU
• 32-bit RISC (FR30) , load/store architecture, 5-stage pipeline
• General-purpose registers : 32 bits
× 16
• 16-bit fixed-length instructions (basic instructions) , 1 instruction/ 1 cycle
• Memory-to-memory transfer, bit processing, barrel shift processing : Optimized for embedded applications
• Function entrance/exit instructions, and multiple load/store instructions of register contents, instruction systems
supporting high level languages
• Register interlock functions, efficient assembly language description
• Branch instructions with delay slots : Reduced overhead time in branching executions
• Internal multiplier/supported at instruction level
Signed 32-bit multiplication : 5 cycles
Signed 16-bit multiplication : 3 cycles
• Interrupt (PC and PS saving) : 6 cycles, 16 priority levels
(Continued)
s
s
s
s PACKAGE
144-pin plastic LQFP
144-pin plastic LQFP
(FPT-144P-M08)
(FPT-144P-M01)


Similar Part No. - MB91154

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91154 FUJITSU-MB91154 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91154 FUJITSU-MB91154 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91154PFV-G FUJITSU-MB91154PFV-G Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91154PFV-G-XXX FUJITSU-MB91154PFV-G-XXX Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
More results

Similar Description - MB91154

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
   32-bit Proprietary Microcontrollers
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
   32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
   32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
   32-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com