Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT730-SC Datasheet(PDF) 11 Page - Laird Tech Smart Technology

Part # BT730-SC
Description  module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BT730-SC Datasheet(HTML) 11 Page - Laird Tech Smart Technology

Back Button BT730-SC Datasheet HTML 7Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 8Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 9Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 10Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 11Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 12Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 13Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 14Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 15Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
BT730
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
11
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2.3
Electrical Specifications
2.3.1 Absolute Maximum ratings
Absolute maximum ratings for supply voltage and voltages on digital and analogue pins of the module are listed
below; exceeding these values will cause permanent damage.
Table 2-2: Absolute Maximum Ratings
Parameter
Min
Max
Unit
Peak current of power supply
0
200
mA
Voltage at digital pins
-0.4
3.7
V
Voltage at POWER pin
2.9
6.0
V
2.3.2 Recommended Operating Parameters
Table 2-3: Power Supply
Signal Name
Pin No
I/O
Voltage level
Comments
VCC_IN
11
I
3.3 V to 5.0 V *
Typ 3.5 V
Ityp = 115 mA
GND
1, 12, 15, 20
Four (4) ground terminals to be attached in
parallel.
VCC_3V3_monitor
13
O
3.3 V typical
For monitoring only. No current source.
Note:
VCC_3V3_monitor refers to internal voltage generated by the LDO inside the module which is typically
3.3 V. So to achieve 3.3 V for VCC_3V3_monitor (at Max Tx Power) requires VCC_IN of 3.5 V. IO
voltage levels follows VCC_3V3_monitor. At minimum VCC_VIN of 3.3 V, the internal LDO generates
3.3 V but when Radio Tx at max Tx power, VCC_3V3_monitor drops a little (to ~3.15 V).
Table 2-4: Signal Levels for Interface, PCM, SPI, and GPIO
Signal Type
Signal level
Signal level @ 0 mA load
Input
VILmin= -0.4 V
VILmax=0.8 V
VIHmin=2.3 V
VIHmax=3.7 V
Output
VOLmax=0.2 V
VOHmin=3.1 V
Table 2-5: UART Interface
Signal Name
Pin No
I/O
Comments
UART_TX
23
O
UART_RX
22
I
UART_CTS
25
I
UART_RTS
24
O
UART_DSR
16
I
UART_DTR
29
O
Shared with GPIO3
UART_RI
28
I or O
Direction may be programmed.
UART_DCD
17
I or O
Direction may be programmed.


Similar Part No. - BT730-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT730-SC ETC2-BT730-SC Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
More results

Similar Description - BT730-SC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BTM430 LSTD-BTM430 Datasheet
1Mb / 25P
   modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
   modules from Laird are designed to meet the needs of developers who wish to add robust
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
   modules from Laird Technologies have been designed to meet the needs of developers
logo
Guangdong Youtai Semico...
ESD7504 UMW-ESD7504 Datasheet
354Kb / 4P
   The ESD7504 surge protection is designed to protect high speed data lines from ESD.
logo
Murata Manufacturing Co...
NFZ2HBM240SN10 MURATA1-NFZ2HBM240SN10_V01 Datasheet
272Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM8R4SN10 MURATA1-NFZ2HBM8R4SN10_V01 Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM110SN10 MURATA1-NFZ2HBM110SN10_V01 Datasheet
266Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
NFZ2HBM1R5SN10 MURATA1-NFZ2HBM1R5SN10_V01 Datasheet
267Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM330SN10 MURATA1-NFZ2HBM330SN10_V01 Datasheet
265Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
NFZ2HBM4R4SN10 MURATA1-NFZ2HBM4R4SN10_V01 Datasheet
271Kb / 3P
   NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
Last updated07/18/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com