Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC120.241C Datasheet(PDF) 8 Page - PULS GmbH

Part # PIC120.241C
Description  24V, 5A, SINGLE PHASE INPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIC120.241C Datasheet(HTML) 8 Page - PULS GmbH

Back Button PIC120.241C Datasheet HTML 4Page - PULS GmbH PIC120.241C Datasheet HTML 5Page - PULS GmbH PIC120.241C Datasheet HTML 6Page - PULS GmbH PIC120.241C Datasheet HTML 7Page - PULS GmbH PIC120.241C Datasheet HTML 8Page - PULS GmbH PIC120.241C Datasheet HTML 9Page - PULS GmbH PIC120.241C Datasheet HTML 10Page - PULS GmbH PIC120.241C Datasheet HTML 11Page - PULS GmbH PIC120.241C Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PIC120.241C, PIC120.242C
PIANO-Series
24V, 5A, SINGLE PHASE INPUT
9. EFFICIENCY AND POWER LOSSES
AC 230V
Efficiency
typ.
90.5%
at 24V, 5A
Average efficiency*)
typ.
89.5%
25% at 1.25A, 25% at 2.5A,
25% at 3.75A. 25% at 5A
Power losses
typ.
0.6W
PIC120.241C: at 24V, 0A
typ.
0.5W
PIC120.242C: at 24V, 0A
typ.
7.0W
at 24V, 2.5A
typ.
12.6W
at 24V, 5A
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 9-1 Efficiency vs. output current at 24V,
typ.
Fig. 9-2 Losses vs. output current at 24V, typ.
Efficiency
1
86
88
90
85
91%
5A
24
Output Current
3
87
89
Power Losses
01
2
4
5A
0
2.5
7.5
12.5
15W
Output Current
5.0
3
10.0
10. LIFETIME EXPECTANCY AND MTBF
AC 230V
Lifetime expectancy*)
110 000h
at 24V, 2.5A and 40°C
312 000h*)
at 24V, 2.5A and 25°C
47 000h
at 24V, 5A and 40°C
133 000h*)
at 24V, 5A and 25°C
MTBF**) SN 29500, IEC 61709
1 720 000h
at 24V, 5A and 40°C
3 223 000h
at 24V, 5A and 25°C
MTBF**) MIL HDBK 217F
1 322 000h
at 24V, 5A and 40°C; Ground Benign GB40
1 785 000h
at 24V, 5A and 25°C; Ground Benign GB25
385 000h
at 24V, 5A and 40°C; Ground Fixed GF40
502 000h
at 24V, 5A and 25°C; Ground Fixed GF25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
Jan. 2016 / Rev. 1.4 DS-PIC120.241C-EN
All parameters are specified at 24V, 5A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/22


Similar Part No. - PIC120.241C

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
More results

Similar Description - PIC120.241C

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
   24V, 5A, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241_18 Datasheet
905Kb / 28P
   24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
   24V, 5A, 120W, SINGLE PHASE INPUT
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
   24V, 5A, TWO-PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com