Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC240.241C Datasheet(PDF) 10 Page - PULS GmbH

Part # PIC240.241C
Description  24V, 10A, SINGLE PHASE INPUT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIC240.241C Datasheet(HTML) 10 Page - PULS GmbH

Back Button PIC240.241C Datasheet HTML 6Page - PULS GmbH PIC240.241C Datasheet HTML 7Page - PULS GmbH PIC240.241C Datasheet HTML 8Page - PULS GmbH PIC240.241C Datasheet HTML 9Page - PULS GmbH PIC240.241C Datasheet HTML 10Page - PULS GmbH PIC240.241C Datasheet HTML 11Page - PULS GmbH PIC240.241C Datasheet HTML 12Page - PULS GmbH PIC240.241C Datasheet HTML 13Page - PULS GmbH PIC240.241C Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PIC240.241C
PIANO-Series
24V, 10A, SINGLE PHASE INPUT
13. FRONT SIDE AND USER ELEMENTS
Fig. 13-1 Front side
A
Input Terminals (screw terminals)
N, L
Line input
PE (Protective Earth) input
B
Output Terminals (screw terminals, two pins per pole)
+
Positive output
Negative (return) output
C
Output voltage potentiometer
Guaranteed adjustment range: 24-28V
Factory set: 24.1V
D DC-OK LED (green)
On, when the output voltage is >18V
E
DC-OK Relay Contact (push-in terminals)
Description see chapter 8.
Aug. 2016 / Rev. 1.6 DS-PIC240.241C-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/21


Similar Part No. - PIC240.241C

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
More results

Similar Description - PIC240.241C

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
   24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
   24V, 10A, SINGLE PHASE INPUT
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CP10E242 PULS-CP10E242 Datasheet
954Kb / 30P
   24V, 10A, 240W, SINGLE PHASE INPUT
CT10.241 PULS-CT10.241 Datasheet
703Kb / 22P
   24V, 10A, THREE PHASE INPUT
CP10.241-R1 PULS-CP10.241-R1 Datasheet
893Kb / 31P
   24V, 10A, 240W, SINGLE PHASE
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com