Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7378CRTP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7378CRTP
Description  Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7378CRTP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7378CRTP Datasheet HTML 2Page - Maxim Integrated Products MAX7378CRTP Datasheet HTML 3Page - Maxim Integrated Products MAX7378CRTP Datasheet HTML 4Page - Maxim Integrated Products MAX7378CRTP Datasheet HTML 5Page - Maxim Integrated Products MAX7378CRTP Datasheet HTML 6Page - Maxim Integrated Products MAX7378CRTP Datasheet HTML 7Page - Maxim Integrated Products MAX7378CRTP Datasheet HTML 8Page - Maxim Integrated Products MAX7378CRTP Datasheet HTML 9Page - Maxim Integrated Products MAX7378CRTP Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
power-on reset cycle. The MAX7378 reset circuit fea-
tures internal hysteresis that creates two trip points: one
for rising supply voltage and one for falling supply volt-
age. The standard threshold values (see Table 1) are
the trip points for rising supply voltage. The trip point
for falling supply voltage is calculated by subtracting
the hysteresis value from the rising supply trip point.
The hysteresis prevents the reset output from oscillat-
ing (chattering) when VCC is near the voltage threshold.
The reset circuit is immune to short transient VCC drops
(see Maximum Transient Duration vs. Reset Threshold
in the Typical Operating Characteristics).
Extended Temperature Operation
The MAX7378 was tested to +135°C during product
characterization and shown to function normally at
this temperature (see the Typical Operating Characteris-
tics). However, production test and qualification is only
performed from -40°C to +125°C at this time. Contact the
factory if operation outside this range is required.
Power-Supply Considerations
The MAX7378 operates with a 2.7V and 5.5V power-
supply voltage. There are two power-supply pins, VCC
and VL. VCC provides the main power input to the
device and VL supplies the clock and reset output cir-
cuits. Good power-supply decoupling is needed to
maintain the power-supply rejection performance of the
MAX7378. Bypass both VCC and VL to GND with a
0.1µF surface-mount ceramic capacitor. Mount the
bypassing capacitors as close to the device as possi-
ble. If possible, mount the MAX7378 close to the µC’s
decoupling capacitor so that additional decoupling is
not required. A larger value bypass capacitor is recom-
mended if the MAX7378 is to operate with a large
capacitive load. Use a bypass capacitor value of at
least 1000 times that of the output load capacitance.
Note: VL must be equal to VCC.
Silicon Oscillator with Low-Power
Frequency Switching and Reset Output
8
_______________________________________________________________________________________
Pin Configuration
TOP VIEW
1
2
3
4
8
7
6
5
N.C.
ENABLE
GND
CLOCK
RST
SPEED
VL
VCC
MAX7378
µMAX
SUFFIX
RESET THRESHOLD (V)
R
2.57
M
4.29
SUFFIX
STANDARD FREQUENCY (MHz)
MG
1
OK
1.8432
QT
3.39545
QW
3.6864
RD
4
RH
4.1943
TP
8
Table 1. Standard Reset Threshold Levels
Table 2. Standard Frequencies
For all other reset threshold options, contact the factory.
For all other frequency options, contact the factory.


Similar Part No. - MAX7378CRTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX737 MAXIM-MAX737 Datasheet
541Kb / 12P
   -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG++ MAXIM-MAX7370ETG+ Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs
Rev 1; 3/12
More results

Similar Description - MAX7378CRTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
MAX7383 MAXIM-MAX7383 Datasheet
219Kb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 1/05
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
   Silicon Oscillator with Low-Power Frequency Switching
2021
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7376 MAXIM-MAX7376 Datasheet
673Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 10/04
MAX7382 MAXIM-MAX7382 Datasheet
182Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 1/05
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com